Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 32Page - NXP Semiconductors RC522 Datasheet HTML 33Page - NXP Semiconductors RC522 Datasheet HTML 34Page - NXP Semiconductors RC522 Datasheet HTML 35Page - NXP Semiconductors RC522 Datasheet HTML 36Page - NXP Semiconductors RC522 Datasheet HTML 37Page - NXP Semiconductors RC522 Datasheet HTML 38Page - NXP Semiconductors RC522 Datasheet HTML 39Page - NXP Semiconductors RC522 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
36 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3 Register descriptions
9.3.1 Page 0: Command and status
9.3.1.1
Reserved register 00h
Functionality is reserved for future use.
9.3.1.2
CommandReg register
Starts and stops command execution.
9.3.1.3
ComIEnReg register
Control bits to enable and disable the passing of interrupt requests.
Table 21.
Reserved register (address 00h); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
Access
-
Table 22.
Reserved register bit descriptions
Bit
Symbol
Description
7 to 0
-
reserved
Table 23.
CommandReg register (address 01h); reset value: 20h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol:
reserved
RcvOff
PowerDown
Command[3:0]
Access:
-
R/W
D
D
Table 24.
CommandReg register bit descriptions
Bit
Symbol
Value
Description
7 to 6 reserved
-
reserved for future use
5
RcvOff
1
analog part of the receiver is switched off
4
PowerDown
1
Soft power-down mode entered
0
MFRC522 starts the wake up procedure during which this bit is
read as a logic 1; it is read as a logic 0 when the MFRC522 is
ready; see Section 8.6.2 on page 31
Remark: The PowerDown bit cannot be set when the SoftReset
command is activated
3 to 0 Command[3:0] -
activates a command based on the Command value; reading this
register shows which command is executed; see Section 10.3 on
page 67
Table 25.
ComIEnReg register (address 02h); reset value: 80h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
IRqInv
TxIEn
RxIEn
IdleIEn
HiAlertIEn
LoAlertIEn
ErrIEn
TimerIEn
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com