Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 29Page - NXP Semiconductors RC522 Datasheet HTML 30Page - NXP Semiconductors RC522 Datasheet HTML 31Page - NXP Semiconductors RC522 Datasheet HTML 32Page - NXP Semiconductors RC522 Datasheet HTML 33Page - NXP Semiconductors RC522 Datasheet HTML 34Page - NXP Semiconductors RC522 Datasheet HTML 35Page - NXP Semiconductors RC522 Datasheet HTML 36Page - NXP Semiconductors RC522 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
33 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.
MFRC522 registers
9.1 Register bit behavior
Depending on the functionality of a register, the access conditions to the register can vary.
In principle, bits with same behavior are grouped in common registers. The access
conditions are described in Table 19.
Table 19.
Behavior of register bits and their designation
Abbreviation
Behavior
Description
R/W
read and write These bits can be written and read by the microcontroller. Since
they are used only for control purposes, their content is not
influenced by internal state machines, for example the
ComIEnReg register can be written and read by the
microcontroller. It will also be read by internal state machines but
never changed by them.
D
dynamic
These bits can be written and read by the microcontroller.
Nevertheless, they can also be written automatically by internal
state machines, for example the CommandReg register changes
its value automatically after the execution of the command.
R
read only
These register bits hold values which are determined by internal
states only, for example the CRCReady bit cannot be written
externally but shows internal states.
W
write only
Reading these register bits always returns zero.
reserved
-
These registers are reserved for future use and must not be
changed. In case of a write access, it is recommended to always
write the value “0”.
RFT
-
These register bits are reserved for future use or are for
production tests and must not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com