Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 51Page - NXP Semiconductors RC522 Datasheet HTML 52Page - NXP Semiconductors RC522 Datasheet HTML 53Page - NXP Semiconductors RC522 Datasheet HTML 54Page - NXP Semiconductors RC522 Datasheet HTML 55Page - NXP Semiconductors RC522 Datasheet HTML 56Page - NXP Semiconductors RC522 Datasheet HTML 57Page - NXP Semiconductors RC522 Datasheet HTML 58Page - NXP Semiconductors RC522 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
55 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.3.3
Reserved register 23h
Functionality is reserved for future use.
9.3.3.4
ModWidthReg register
Sets the modulation width.
9.3.3.5
Reserved register 25h
Functionality is reserved for future use.
Table 91.
Reserved register (address 23h); reset value: 88h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
Access
-
Table 92.
Reserved register bit descriptions
Bit
Symbol
Description
7 to 0
reserved
reserved for future use
Table 93.
ModWidthReg register (address 24h); reset value: 26h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
ModWidth[7:0]
Access
R/W
Table 94.
ModWidthReg register bit descriptions
Bit
Symbol
Description
7 to 0
ModWidth[7:0] defines the width of the Miller modulation as multiples of the carrier
frequency (ModWidth + 1 / fclk)
the maximum value is half the bit period
Table 95.
Reserved register (address 25h); reset value: 87h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
Access
-
Table 96.
Reserved register bit descriptions
Bit
Symbol
Description
7 to 0
reserved
reserved for future use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com