Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 71Page - NXP Semiconductors RC522 Datasheet HTML 72Page - NXP Semiconductors RC522 Datasheet HTML 73Page - NXP Semiconductors RC522 Datasheet HTML 74Page - NXP Semiconductors RC522 Datasheet HTML 75Page - NXP Semiconductors RC522 Datasheet HTML 76Page - NXP Semiconductors RC522 Datasheet HTML 77Page - NXP Semiconductors RC522 Datasheet HTML 78Page - NXP Semiconductors RC522 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
75 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
[2]
Ipd is the total current for all supplies.
[3]
IDD(PVDD) depends on the overall load at the digital pins.
[4]
IDD(TVDD) depends on VDD(TVDD) and the external circuit connected to pins TX1 and TX2.
[5]
During typical circuit operation, the overall current is below 100 mA.
[6]
Typical value using a complementary driver configuration and an antenna matched to 40
Ω between pins TX1 and TX2 at 13.56 MHz.
[7]
IDD(SVDD) depends on the load at pin MFOUT.
14.1 Timing characteristics
Fig 24. Pin RX input voltage range
001aak012
VMID
0 V
−1 V
VDDA + 1 V
Vmod
Vi(p-p)(max)
Vi(p-p)(min)
13.56 MHz
carrier
Table 154. SPI timing characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tWL
pulse width LOW
line SCK
50
-
-
ns
tWH
pulse width HIGH
line SCK
50
-
-
ns
th(SCKH-D)
SCK HIGH to data input
hold time
SCK to changing
MOSI
25
-
-
ns
tsu(D-SCKH)
data input to SCK HIGH
set-up time
changing MOSI to
SCK
25
-
-
ns
th(SCKL-Q)
SCK LOW to data output
hold time
SCK to changing
MISO
-
-
25
ns
t(SCKL-NSSH) SCK LOW to NSS HIGH
time
0-
-
ns
tNHNL
NSS high before
communication
50
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com