Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 33Page - NXP Semiconductors RC522 Datasheet HTML 34Page - NXP Semiconductors RC522 Datasheet HTML 35Page - NXP Semiconductors RC522 Datasheet HTML 36Page - NXP Semiconductors RC522 Datasheet HTML 37Page - NXP Semiconductors RC522 Datasheet HTML 38Page - NXP Semiconductors RC522 Datasheet HTML 39Page - NXP Semiconductors RC522 Datasheet HTML 40Page - NXP Semiconductors RC522 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
37 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.1.4
DivIEnReg register
Control bits to enable and disable the passing of interrupt requests.
9.3.1.5
ComIrqReg register
Interrupt request bits.
Table 26.
ComIEnReg register bit descriptions
Bit Symbol
Value
Description
7
IRqInv
1
signal on pin IRQ is inverted with respect to the Status1Reg register’s
IRq bit
0
signal on pin IRQ is equal to the IRq bit; in combination with the
DivIEnReg register’s IRqPushPull bit, the default value of logic 1 ensures
that the output level on pin IRQ is 3-state
6
TxIEn
-
allows the transmitter interrupt request (TxIRq bit) to be propagated to
pin IRQ
5
RxIEn
-
allows the receiver interrupt request (RxIRq bit) to be propagated to pin
IRQ
4
IdleIEn
-
allows the idle interrupt request (IdleIRq bit) to be propagated to pin IRQ
3
HiAlertIEn
-
allows the high alert interrupt request (HiAlertIRq bit) to be propagated to
pin IRQ
2
LoAlertIEn -
allows the low alert interrupt request (LoAlertIRq bit) to be propagated to
pin IRQ
1
ErrIEn
-
allows the error interrupt request (ErrIRq bit) to be propagated to pin IRQ
0
TimerIEn
-
allows the timer interrupt request (TimerIRq bit) to be propagated to pin
IRQ
Table 27.
DivIEnReg register (address 03h); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
IRQPushPull
reserved
MfinActIEn
reserved
CRCIEn
reserved
Access
R/W
-
R/W
-
R/W
-
Table 28.
DivIEnReg register bit descriptions
Bit
Symbol
Value Description
7
IRQPushPull
1
pin IRQ is a standard CMOS output pin
0
pin IRQ is an open-drain output pin
6 to 5 reserved
-
reserved for future use
4
MfinActIEn
-
allows the MFIN active interrupt request to be propagated to
pin IRQ
3
reserved
-
reserved for future use
2
CRCIEn
-
allows the CRC interrupt request, indicated by the DivIrqReg
register’s CRCIRq bit, to be propagated to pin IRQ
1 to 0 reserved
-
reserved for future use
Table 29.
ComIrqReg register (address 04h); reset value: 14h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
Set1
TxIRq
RxIRq
IdleIRq
HiAlertIRq
LoAlertIRq
ErrIRq
TimerIRq
Access
W
D
D
D
D
D
D
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com