Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 21Page - NXP Semiconductors RC522 Datasheet HTML 22Page - NXP Semiconductors RC522 Datasheet HTML 23Page - NXP Semiconductors RC522 Datasheet HTML 24Page - NXP Semiconductors RC522 Datasheet HTML 25Page - NXP Semiconductors RC522 Datasheet HTML 26Page - NXP Semiconductors RC522 Datasheet HTML 27Page - NXP Semiconductors RC522 Datasheet HTML 28Page - NXP Semiconductors RC522 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
25 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.2.3 Serial data switch
Two main blocks are implemented in the MFRC522. The digital block comprises the state
machines, encoder/decoder logic. The analog block comprises the modulator and
antenna drivers, the receiver and amplifiers. It is possible for the interface between these
two blocks to be configured so that the interfacing signals are routed to pins MFIN and
MFOUT.
This topology allows the analog block of the MFRC522 to be connected to the digital block
of another device.
The serial signal switch is controlled by the TxSelReg and RxSelReg registers.
Figure 20 shows the serial data switch for p-driver TX1 and TX2.
8.2.4 MFIN and MFOUT interface support
The MFRC522 is divided into a digital circuit block and an analog circuit block. The digital
block contains state machines, encoder and decoder logic and so on. The analog block
contains the modulator and antenna drivers, receiver and amplifiers. The interface
between these two blocks can be configured so that the interfacing signals can be routed
to pins MFIN and MFOUT; see Figure 21 on page 26. This configuration is implemented
using TxSelReg register’s MFOutSel[3:0] and DriverSel[1:0] bits and RxSelReg register’s
UARTSel[1:0] bits.
This topology allows some parts of the analog block to be connected to the digital block of
another device.
Switch MFOutSel in the TxSelReg register can be used to measure MIFARE and
ISO/IEC14443 A related signals. This is especially important during the design-in phase
or for test purposes as it enables checking of the transmitted and received data.
The most important use of pins MFIN and MFOUT is found in the active antenna concept.
An external active antenna circuit can be connected to the MFRC522’s digital block.
Switch MFOutSel must be configured so that the internal Miller encoded signal is sent to
pin MFOUT (MFOutSel = 100b). UARTSel[1:0] must be configured to receive a
Manchester signal with subcarrier from pin MFIN (UARTSel[1:0] = 01).
It is possible to connect a passive antenna to pins TX1, TX2 and RX (using the
appropriate filter and matching circuit) and an active antenna to pins MFOUT and MFIN at
the same time. In this configuration, two RF circuits can be driven (one after another) by a
single host processor.
Fig 20. Serial data switch for p-driver TX1 and TX2
001aak593
INTERNAL
CODER
INVERT IF
InvMod = 1
DriverSel[1:0]
00
01
10
11
3-state
to driver TX1 and TX2
0 = impedance = modulated
1 = impedance = CW
1
INVERT IF
PolMFin = 0
MFIN
envelope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com