Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 56Page - NXP Semiconductors RC522 Datasheet HTML 57Page - NXP Semiconductors RC522 Datasheet HTML 58Page - NXP Semiconductors RC522 Datasheet HTML 59Page - NXP Semiconductors RC522 Datasheet HTML 60Page - NXP Semiconductors RC522 Datasheet HTML 61Page - NXP Semiconductors RC522 Datasheet HTML 62Page - NXP Semiconductors RC522 Datasheet HTML 63Page - NXP Semiconductors RC522 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
60 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.4 Page 3: Test
9.3.4.1
Reserved register 30h
Functionality is reserved for future use.
9.3.4.2
TestSel1Reg register
General test signal configuration.
9.3.4.3
TestSel2Reg register
General test signal configuration and PRBS control.
Table 116. TCounterValReg register lower bit descriptions
Bit
Symbol
Description
7 to 0
TCounterVal_Lo
[7:0]
timer value lower 8 bits
Table 117. Reserved register (address 30h); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
Access
-
Table 118. Reserved register bit descriptions
Bit
Symbol
Description
7 to 0
reserved
reserved for future use
Table 119. TestSel1Reg register (address 31h); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
reserved
TstBusBitSel[2:0]
Access
-
R/W
Table 120. TestSel1Reg register bit descriptions
Bit
Symbol
Description
7 to 3
reserved
reserved for future use
2 to 0
TstBusBitSel
[2:0]
selects a test bus signal which is output at pin MFOUT
if AnalogSelAux2[3:0] = FFh in AnalogTestReg register, test bus signal
is also output at pins AUX1 or AUX2
Table 121. TestSel2Reg register (address 32h); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
TstBusFlip
PRBS9
PRBS15
TestBusSel[4:0]
Access
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com