Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 70Page - NXP Semiconductors RC522 Datasheet HTML 71Page - NXP Semiconductors RC522 Datasheet HTML 72Page - NXP Semiconductors RC522 Datasheet HTML 73Page - NXP Semiconductors RC522 Datasheet HTML 74Page - NXP Semiconductors RC522 Datasheet HTML 75Page - NXP Semiconductors RC522 Datasheet HTML 76Page - NXP Semiconductors RC522 Datasheet HTML 77Page - NXP Semiconductors RC522 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
74 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
[1]
The voltage on pin RX is clamped by internal diodes to pins AVSS and AVDD.
VOL
LOW-level output voltage
VDD(TVDD) =3V;
IDD(TVDD) =32mA;
CWGsP[5:0] = 0Fh
-
-
0.15
V
VDD(TVDD) =3V;
IDD(TVDD) =80mA;
CWGsP[5:0] = 0Fh
--
0.4
V
VDD(TVDD) = 2.5 V;
IDD(TVDD) =32mA;
CWGsP[5:0] = 0Fh
-
-
0.24
V
VDD(TVDD) = 2.5 V;
IDD(TVDD) =80mA;
CWGsP[5:0] = 0Fh
-
-
0.64
V
Current consumption
Ipd
power-down current
VDDA =VDDD = VDD(TVDD) =
VDD(PVDD) =3V
hard power-down; pin
NRSTPD set LOW
[2] --
5
μA
soft power-down; RF
level detector on
[2] --
10
μA
IDDD
digital supply current
pin DVDD; VDDD =3V
-
6.5
9
mA
IDDA
analog supply current
pin AVDD; VDDA =3V;
CommandReg register’s
bit RcvOff = 0
-7
10
mA
pin AVDD; receiver
switched off; VDDA =3V;
CommandReg register’s
bit RcvOff = 1
-3
5
mA
IDD(PVDD)
PVDD supply current
pin PVDD
[3] --
40
mA
IDD(TVDD)
TVDD supply current
pin TVDD; continuous wave [4][5][6] -60
100
mA
IDD(SVDD)
SVDD supply current
pin SVDD
[7] --
4
mA
Clock frequency
fclk
clock frequency
-
27.12
-
MHz
δ
clk
clock duty cycle
40
50
60
%
tjit
jitter time
RMS
-
-
10
ps
Crystal oscillator
VOH
HIGH-level output voltage
pin OSCOUT
-
1.1
-
V
VOL
LOW-level output voltage
pin OSCOUT
-
0.2
-
V
Ci
input capacitance
pin OSCOUT
-
2
-
pF
pin OSCIN
-
2
-
pF
Typical input requirements
fxtal
crystal frequency
-
27.12
-
MHz
ESR
equivalent series resistance
-
-
100
Ω
CL
load capacitance
-
10
-
pF
Pxtal
crystal power dissipation
-
50
100
mW
Table 153. Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com