Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 30Page - NXP Semiconductors RC522 Datasheet HTML 31Page - NXP Semiconductors RC522 Datasheet HTML 32Page - NXP Semiconductors RC522 Datasheet HTML 33Page - NXP Semiconductors RC522 Datasheet HTML 34Page - NXP Semiconductors RC522 Datasheet HTML 35Page - NXP Semiconductors RC522 Datasheet HTML 36Page - NXP Semiconductors RC522 Datasheet HTML 37Page - NXP Semiconductors RC522 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
34 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.2 Register overview
Table 20.
MFRC522 register overview
Address
(hex)
Register name
Function
Refer to
Page 0: Command and status
00h
Reserved
reserved for future use
Table 21 on page 36
01h
CommandReg
starts and stops command execution
Table 23 on page 36
02h
ComlEnReg
enable and disable interrupt request control bits
Table 25 on page 36
03h
DivlEnReg
enable and disable interrupt request control bits
Table 27 on page 37
04h
ComIrqReg
interrupt request bits
Table 29 on page 37
05h
DivIrqReg
interrupt request bits
Table 31 on page 38
06h
ErrorReg
error bits showing the error status of the last command
executed
Table 33 on page 39
07h
Status1Reg
communication status bits
Table 35 on page 40
08h
Status2Reg
receiver and transmitter status bits
Table 37 on page 41
09h
FIFODataReg
input and output of 64 byte FIFO buffer
Table 39 on page 42
0Ah
FIFOLevelReg
number of bytes stored in the FIFO buffer
Table 41 on page 42
0Bh
WaterLevelReg
level for FIFO underflow and overflow warning
Table 43 on page 42
0Ch
ControlReg
miscellaneous control registers
Table 45 on page 43
0Dh
BitFramingReg
adjustments for bit-oriented frames
Table 47 on page 44
0Eh
CollReg
bit position of the first bit-collision detected on the RF
interface
Table 49 on page 44
0Fh
Reserved
reserved for future use
Table 51 on page 45
Page 1: Command
10h
Reserved
reserved for future use
Table 53 on page 45
11h
ModeReg
defines general modes for transmitting and receiving
Table 55 on page 46
12h
TxModeReg
defines transmission data rate and framing
Table 57 on page 46
13h
RxModeReg
defines reception data rate and framing
Table 59 on page 47
14h
TxControlReg
controls the logical behavior of the antenna driver pins TX1
and TX2
Table 61 on page 48
15h
TxASKReg
controls the setting of the transmission modulation
Table 63 on page 49
16h
TxSelReg
selects the internal sources for the antenna driver
Table 65 on page 49
17h
RxSelReg
selects internal receiver settings
Table 67 on page 50
18h
RxThresholdReg
selects thresholds for the bit decoder
Table 69 on page 51
19h
DemodReg
defines demodulator settings
Table 71 on page 51
1Ah
Reserved
reserved for future use
Table 73 on page 52
1Bh
Reserved
reserved for future use
Table 75 on page 52
1Ch
MfTxReg
controls some MIFARE communication transmit parameters
Table 77 on page 52
1Dh
MfRxReg
controls some MIFARE communication receive parameters
Table 79 on page 53
1Eh
Reserved
reserved for future use
Table 81 on page 53
1Fh
SerialSpeedReg
selects the speed of the serial UART interface
Table 83 on page 53
Page 2: Configuration
20h
Reserved
reserved for future use
Table 85 on page 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com