Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 27Page - NXP Semiconductors RC522 Datasheet HTML 28Page - NXP Semiconductors RC522 Datasheet HTML 29Page - NXP Semiconductors RC522 Datasheet HTML 30Page - NXP Semiconductors RC522 Datasheet HTML 31Page - NXP Semiconductors RC522 Datasheet HTML 32Page - NXP Semiconductors RC522 Datasheet HTML 33Page - NXP Semiconductors RC522 Datasheet HTML 34Page - NXP Semiconductors RC522 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
31 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.6 Power reduction modes
8.6.1 Hard power-down
Hard power-down is enabled when pin NRSTPD is LOW. This turns off all internal current
sinks including the oscillator. All digital input buffers are separated from the input pins and
clamped internally (except pin NRSTPD). The output pins are frozen at either a HIGH or
LOW level.
8.6.2 Soft power-down mode
Soft Power-down mode is entered immediately after the CommandReg register’s
PowerDown bit is set to logic 1. All internal current sinks are switched off, including the
oscillator buffer. However, the digital input buffers are not separated from the input pins
and keep their functionality. The digital output pins do not change their state.
During soft power-down, all register values, the FIFO buffer content and the configuration
keep their current contents.
After setting the PowerDown bit to logic 0, it takes 1024 clocks until the Soft power-down
mode is exited indicated by the PowerDown bit. Setting it to logic 0 does not immediately
clear it. It is cleared automatically by the MFRC522 when Soft power-down mode is
exited.
Remark: If the internal oscillator is used, you must take into account that it is supplied by
pin AVDD and it will take a certain time (tosc) until the oscillator is stable and the clock
cycles can be detected by the internal logic. It is recommended for the serial UART, to first
send the value 55h to the MFRC522. The oscillator must be stable for further access to
the registers. To ensure this, perform a read access to address 0 until the MFRC522
answers to the last read command with the register content of address 0. This indicates
that the MFRC522 is ready.
8.6.3 Transmitter power-down mode
The Transmitter Power-down mode switches off the internal antenna drivers thereby,
turning off the RF field. Transmitter power-down mode is entered by setting either the
TxControlReg register’s Tx1RFEn bit or Tx2RFEn bit to logic 0.
8.7 Oscillator circuit
Fig 22. Quartz crystal connection
001aak595
MFRC522
27.12 MHz
OSCOUT
OSCIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com