Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 12Page - NXP Semiconductors RC522 Datasheet HTML 13Page - NXP Semiconductors RC522 Datasheet HTML 14Page - NXP Semiconductors RC522 Datasheet HTML 15Page - NXP Semiconductors RC522 Datasheet HTML 16Page - NXP Semiconductors RC522 Datasheet HTML 17Page - NXP Semiconductors RC522 Datasheet HTML 18Page - NXP Semiconductors RC522 Datasheet HTML 19Page - NXP Semiconductors RC522 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
16 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.1.4.1
Data validity
Data on the SDA line must be stable during the HIGH clock period. The HIGH or LOW
state of the data line must only change when the clock signal on SCL is LOW.
8.1.4.2
START and STOP conditions
To manage the data transfer on the I2C-bus, unique START (S) and STOP (P) conditions
are defined.
• A START condition is defined with a HIGH-to-LOW transition on the SDA line while
SCL is HIGH.
• A STOP condition is defined with a LOW-to-HIGH transition on the SDA line while
SCL is HIGH.
The I2C-bus master always generates the START and STOP conditions. The bus is busy
after the START condition. The bus is free again a certain time after the STOP condition.
The bus stays busy if a repeated START (Sr) is generated instead of a STOP condition.
The START (S) and repeated START (Sr) conditions are functionally identical. Therefore,
S is used as a generic term to represent both the START (S) and repeated START (Sr)
conditions.
8.1.4.3
Byte format
Each byte must be followed by an acknowledge bit. Data is transferred with the MSB first;
see Figure 16. The number of transmitted bytes during one data transfer is unrestricted
but must meet the read/write cycle format.
Fig 12. Bit transfer on the I2C-bus
mbc621
data line
stable;
data valid
change
of data
allowed
SDA
SCL
Fig 13. START and STOP conditions
mbc622
SDA
SCL
P
STOP condition
SDA
SCL
S
START condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com