Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 20Page - NXP Semiconductors RC522 Datasheet HTML 21Page - NXP Semiconductors RC522 Datasheet HTML 22Page - NXP Semiconductors RC522 Datasheet HTML 23Page - NXP Semiconductors RC522 Datasheet HTML 24Page - NXP Semiconductors RC522 Datasheet HTML 25Page - NXP Semiconductors RC522 Datasheet HTML 26Page - NXP Semiconductors RC522 Datasheet HTML 27Page - NXP Semiconductors RC522 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
24 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
[1]
X = Do not care.
The following abbreviations have been used in Table 15 and Table 16:
• RF: 13.56 MHz clock derived from 27.12 MHz quartz crystal oscillator divided by 2
• RF_n: inverted 13.56 MHz clock
• GSPMos: conductance, configuration of the PMOS array
• GSNMos: conductance, configuration of the NMOS array
• pCW: PMOS conductance value for continuous wave defined by the CWGsPReg
register
• pMod: PMOS conductance value for modulation defined by the ModGsPReg register
• nCW: NMOS conductance value for continuous wave defined by the GsNReg
register’s CWGsN[3:0] bits
• nMod: NMOS conductance value for modulation defined by the GsNReg register’s
ModGsN[3:0] bits
• X = do not care.
Remark: If only one driver is switched on, the values for CWGsPReg, ModGsPReg and
GsNReg registers are used for both drivers.
Table 16.
Register and bit settings controlling the signal on pin TX2
Bit
Tx1RFEn
Bit
Force
100ASK
Bit
Tx2CW
Bit
InvTx2RFOn
Bit
InvTx2RFOff
Envelope Pin
TX2
GSPMos GSNMos Remarks
0X[1]
X[1]
X[1]
X[1]
X[1]
X[1]
X[1]
X[1]
not specified if
RF is switched
off
10
0
0
X[1]
0
RF
pMod
nMod
-
1RF
pCW
nCW
1X[1]
0
RF_n
pMod
nMod
1RF_n
pCW
nCW
10
X[1]
X[1]
RF
pCW
nCW
conductance
always CW for
the Tx2CW bit
1X[1]
X[1]
RF_n
pCW
nCW
10
0
X[1]
0
0
pMod
nMod
100 % ASK: pin
TX2 pulled
to logic 0
(independent of
the
InvTx2RFOn/Inv
Tx2RFOff bits)
1RF
pCW
nCW
1X[1]
0
0
pMod
nMod
1RF_n
pCW
nCW
10
X[1]
X[1]
RF
pCW
nCW
1X[1]
X[1]
RF_n
pCW
nCW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com