Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 35Page - NXP Semiconductors RC522 Datasheet HTML 36Page - NXP Semiconductors RC522 Datasheet HTML 37Page - NXP Semiconductors RC522 Datasheet HTML 38Page - NXP Semiconductors RC522 Datasheet HTML 39Page - NXP Semiconductors RC522 Datasheet HTML 40Page - NXP Semiconductors RC522 Datasheet HTML 41Page - NXP Semiconductors RC522 Datasheet HTML 42Page - NXP Semiconductors RC522 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
39 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
9.3.1.7
ErrorReg register
Error bit register showing the error status of the last command executed.
[1]
Command execution clears all error bits except the TempErr bit. Cannot be set by software.
Table 33.
ErrorReg register (address 06h); reset value: 00h bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
WrErr
TempErr
reserved
BufferOvfl
CollErr
CRCErr
ParityErr
ProtocolErr
Access
R
R
-
R
R
R
R
R
Table 34.
ErrorReg register bit descriptions
Bit Symbol
Value Description
7
WrErr
1
data is written into the FIFO buffer by the host during the MFAuthent
command or if data is written into the FIFO buffer by the host during the
time between sending the last bit on the RF interface and receiving the
last bit on the RF interface
6
TempErr[1]
1
internal temperature sensor detects overheating, in which case the
antenna drivers are automatically switched off
5
reserved
-
reserved for future use
4
BufferOvfl
1
the host or a MFRC522’s internal state machine (e.g. receiver) tries to
write data to the FIFO buffer even though it is already full
3
CollErr
1
a bit-collision is detected
cleared automatically at receiver start-up phase
only valid during the bitwise anticollision at 106 kBd
always set to logic 0 during communication protocols at 212 kBd,
424 kBd and 848 kBd
2
CRCErr
1
the RxModeReg register’s RxCRCEn bit is set and the CRC calculation
fails
automatically cleared to logic 0 during receiver start-up phase
1
ParityErr
1
parity check failed
automatically cleared during receiver start-up phase
only valid for ISO/IEC 14443 A/MIFARE communication at 106 kBd
0
ProtocolErr
1
set to logic 1 if the SOF is incorrect
automatically cleared during receiver start-up phase
bit is only valid for 106 kBd
during the MFAuthent command, the ProtocolErr bit is set to logic 1 if the
number of bytes received in one data stream is incorrect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com