Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 65Page - NXP Semiconductors RC522 Datasheet HTML 66Page - NXP Semiconductors RC522 Datasheet HTML 67Page - NXP Semiconductors RC522 Datasheet HTML 68Page - NXP Semiconductors RC522 Datasheet HTML 69Page - NXP Semiconductors RC522 Datasheet HTML 70Page - NXP Semiconductors RC522 Datasheet HTML 71Page - NXP Semiconductors RC522 Datasheet HTML 72Page - NXP Semiconductors RC522 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
69 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
10.3.1.7
Receive
The MFRC522 activates the receiver path and waits for a data stream to be received. The
correct settings must be chosen before starting this command.
This command automatically terminates when the data stream ends. This is indicated
either by the end of frame pattern or by the length byte depending on the selected frame
type and speed.
Remark: If the RxModeReg register’s RxMultiple bit is set to logic 1, the Receive
command will not automatically terminate. It must be terminated by starting another
command in the CommandReg register.
10.3.1.8
Transceive
This command continuously repeats the transmission of data from the FIFO buffer and the
reception of data from the RF field. The first action is transmit and after transmission the
command is changed to receive a data stream.
Each transmit process must be started by setting the BitFramingReg register’s StartSend
bit to logic 1. This command must be cleared by writing any command to the
CommandReg register.
Remark: If the RxModeReg register’s RxMultiple bit is set to logic 1, the Transceive
command never leaves the receive state because this state cannot be cancelled
automatically.
10.3.1.9
MFAuthent
This command manages MIFARE authentication to enable a secure communication to
any MIFARE Mini, MIFARE 1K and MIFARE 4K card. The following data is written to the
FIFO buffer before the command can be activated:
• Authentication command code (60h, 61h)
• Block address
• Sector key byte 0
• Sector key byte 1
• Sector key byte 2
• Sector key byte 3
• Sector key byte 4
• Sector key byte 5
• Card serial number byte 0
• Card serial number byte 1
• Card serial number byte 2
• Card serial number byte 3
In total 12 bytes are written to the FIFO.
Remark: When the MFAuthent command is active all access to the FIFO buffer is
blocked. However, if there is access to the FIFO buffer, the ErrorReg register’s WrErr bit is
set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com