Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # RC522
Description  Contactless reader IC
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 18Page - NXP Semiconductors RC522 Datasheet HTML 19Page - NXP Semiconductors RC522 Datasheet HTML 20Page - NXP Semiconductors RC522 Datasheet HTML 21Page - NXP Semiconductors RC522 Datasheet HTML 22Page - NXP Semiconductors RC522 Datasheet HTML 23Page - NXP Semiconductors RC522 Datasheet HTML 24Page - NXP Semiconductors RC522 Datasheet HTML 25Page - NXP Semiconductors RC522 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
MFRC522_34
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.4 — 5 March 2010
112134
22 of 96
NXP Semiconductors
MFRC522
Contactless reader IC
8.1.4.11
Switching between F/S mode and HS mode
After reset and initialization, the MFRC522 is in Fast mode (which is in effect F/S mode as
Fast mode is downward-compatible with Standard mode). The connected MFRC522
recognizes the “S 00001XXX A” sequence and switches its internal circuitry from the Fast
mode setting to the HS mode setting.
The following actions are taken:
1. Adapt the SDA and SCL input filters according to the spike suppression requirement
in HS mode.
2. Adapt the slope control of the SDA output stages.
It is possible for system configurations that do not have other I2C-bus devices involved in
the communication to switch to HS mode permanently. This is implemented by setting
Status2Reg register’s I2CForceHS bit to logic 1. In permanent HS mode, the master code
is not required to be sent. This is not defined in the specification and must only be used
when no other devices are connected on the bus. In addition, spikes on the I2C-bus lines
must be avoided because of the reduced spike suppression.
8.1.4.12
MFRC522 at lower speed modes
MFRC522 is fully downward-compatible and can be connected to an F/S mode I2C-bus
system. The device stays in F/S mode and communicates at F/S mode speeds because a
master code is not transmitted in this configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com