Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 24Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 25Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 26Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 27Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 28Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 29Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 30Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 31Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
28
Freescale Semiconductor
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
7.2
DUART AC Electrical Specifications
Table 21 provides the AC timing parameters for the DUART interface.
8
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
This section provides the AC and DC electrical characteristics for the enhanced three-speed Ethernet
controller.
8.1
Enhanced Three-Speed Ethernet Controller (eTSEC)
(10/100/1000 Mbps)—FIFO/GMII/MII/TBI/RGMII/RTBI/RMII
Electrical Characteristics
The electrical characteristics specified here apply to all FIFO mode, gigabit media independent interface
(GMII), media independent interface (MII), ten-bit interface (TBI), reduced gigabit media independent
interface (RGMII), reduced ten-bit interface (RTBI), and reduced media independent interface (RMII)
signals except management data input/output (MDIO) and management data clock (MDC), and serial
gigabit media independent interface (SGMII). The RGMII, RTBI and FIFO mode interfaces are defined
for 2.5 V, while the GMII, MII, RMII, and TBI interfaces can operate at both 2.5V and 3.3V.
The GMII, MII, or TBI interface timing is compliant with IEEE 802.3. The RGMII and RTBI interfaces
follow the Reduced Gigabit Media-Independent Interface (RGMII) Specification Version 1.3
(12/10/2000). The RMII interface follows the RMII Consortium RMII Specification Version 1.2
(3/20/1998).
The electrical characteristics for MDIO and MDC are specified in Section 9, “Ethernet Management
Interface Electrical Characteristics.”
The electrical characteristics for SGMII is specified in Section 8.3, “SGMII Interface Electrical
Characteristics.” The SGMII interface conforms (with exceptions) to the Serial-GMII Specification
Version 1.8.
Table 21. DUART AC Timing Specifications
At recommended operating conditions with OVDD of 3.3V ± 5%.
Parameter
Value
Unit
Notes
Minimum baud rate
fCCB/1,048,576
baud
1, 2
Maximum baud rate
fCCB/16
baud
1, 2, 3
Oversample rate
16
—
1, 4
Notes:
1. Guaranteed by design
2. fCCB refers to the internal platform clock frequency.
3. Actual attainable baud rate is limited by the latency of interrupt processing.
4. The middle of a start bit is detected as the 8th sampled 0 after the 1-to-0 transition of the start bit. Subsequent bit values are
sampled each 16th sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com