Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 77Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 78Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 79Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 80Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 81Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 82Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 83Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 84Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
81
High-Speed Serial Interfaces (HSSI)
Figure 53. Single-Ended Measurement Points for Rise and Fall Time Matching
The other detailed AC requirements of the SerDes Reference Clocks is defined by each interface protocol
based on application usage. Refer to the following sections for detailed information:
•
Section 8.3.2, “AC Requirements for SGMII SD2_REF_CLK and SD2_REF_CLK”
•
Section 16.2, “AC Requirements for PCI Express SerDes Reference Clocks”
•
Section 17.2, “AC Requirements for Serial RapidIO SD1_REF_CLK and SD1_REF_CLK”
15.2.4.1
Spread Spectrum Clock
SD1_REF_CLK/SD1_REF_CLK are designed to work with a spread spectrum clock (+0 to –0.5%
spreading at 30–33 KHz rate is allowed), assuming both ends have same reference clock. For better results,
a source without significant unintended modulation should be used.
SD2_REF_CLK/SD2_REF_CLK are not to be used with, and should not be clocked by, a spread spectrum
clock source.
15.3
SerDes Transmitter and Receiver Reference Circuits
Figure 54 shows the reference circuits for SerDes data lane’s transmitter and receiver.
Figure 54. SerDes Transmitter and Receiver Reference Circuits
The DC and AC specification of SerDes data lanes are defined in each interface protocol section below
(PCI Express, Serial Rapid IO or SGMII) in this document based on the application usage:
•
Section 8.3, “SGMII Interface Electrical Characteristics”
SD
n_REF_CLK
SD
n_REF_CLK
SD
n_REF_CLK
SD
n_REF_CLK
50
Ω
50
Ω
Receiver
Transmitter
SD1_TX
n or
SD2_TX
n
SD1_TX
n or
SD2_TX
n
SD1_RX
n or
SD2_RX
n
SD1_RX
n or
SD2_RX
n
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com