Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 79Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 80Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 81Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 82Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 83Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 84Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 85Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 86Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
83
PCI Express
Table 61. Differential Transmitter (TX) Output Specifications
Symbol
Parameter
Min
Nominal
Max
Units
Comments
UI
Unit Interval
399.88
400
400.12
ps
Each UI is 400 ps ± 300 ppm. UI does not account
for Spread Spectrum Clock dictated variations. See
Note 1.
VTX-DIFFp-p
Differential
Peak-to-Peak
Output Voltage
0.8
—
1.2
V
VTX-DIFFp-p = 2*|VTX-D+ - VTX-D-| See Note 2.
VTX-DE-RATIO
De- Emphasized
Differential
Output Voltage
(Ratio)
–3.0
–3.5
-4.0
dB
Ratio of the VTX-DIFFp-p of the second and following
bits after a transition divided by the VTX-DIFFp-p of
the first bit after a transition. See Note 2.
TTX-EYE
Minimum TX Eye
Width
0.70
—
—
UI
The maximum Transmitter jitter can be derived as
TTX-MAX-JITTER = 1 - TTX-EYE= 0.3 UI.
See Notes 2 and 3.
TTX-EYE-MEDIAN-to-
MAX-JITTER
Maximum time
between the jitter
median and
maximum
deviation from
the median.
—
—
0.15
UI
Jitter is defined as the measurement variation of the
crossing points (VTX-DIFFp-p = 0 V) in relation to a
recovered TX UI. A recovered TX UI is calculated
over 3500 consecutive unit intervals of sample
data. Jitter is measured using all edges of the 250
consecutive UI in the center of the 3500 UI used for
calculating the TX UI. See Notes 2 and 3.
TTX-RISE, TTX-FALL
D+/D- TX Output
Rise/Fall Time
0.125
—
—
UI
See Notes 2 and 5
VTX-CM-ACp
RMS AC Peak
Common Mode
Output Voltage
——
20
mV
VTX-CM-ACp = RMS(|VTXD+ + VTXD-|/2 - VTX-CM-DC)
VTX-CM-DC = DC(avg) of |VTX-D+ + VTX-D-|/2
See Note 2
VTX-CM-DC-ACTIVE-
IDLE-DELTA
Absolute Delta of
DC Common
Mode Voltage
During L0 and
Electrical Idle
0—
100
mV
|VTX-CM-DC (during L0) - VTX-CM-Idle-DC (During Electrical
Idle)|<=100 mV
VTX-CM-DC = DC(avg) of |VTX-D+ + VTX-D-|/2 [L0]
VTX-CM-Idle-DC = DC(avg) of |VTX-D+ + VTX-D-|/2
[Electrical Idle]
See Note 2.
VTX-CM-DC-LINE-DELTA Absolute Delta of
DC Common
Mode between
D+ and D–
0—
25
mV
|VTX-CM-DC-D+ - VTX-CM-DC-D-| <= 25 mV
VTX-CM-DC-D+ = DC(avg) of |VTX-D+|
VTX-CM-DC-D- = DC(avg) of |VTX-D-|
See Note 2.
VTX-IDLE-DIFFp
Electrical Idle
differential Peak
Output Voltage
0—
20
mV
VTX-IDLE-DIFFp = |VTX-IDLE-D+ -VTX-IDLE-D-| <= 20
mV
See Note 2.
VTX-RCV-DETECT
The amount of
voltage change
allowed during
Receiver
Detection
—
600
mV
The total amount of voltage change that a
transmitter can apply to sense whether a low
impedance Receiver is present. See Note 6.
VTX-DC-CM
The TX DC
Common Mode
Voltage
0
—
3.6
V
The allowed DC Common Mode voltage under any
conditions. See Note 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com