Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 74Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 75Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 76Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 77Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 78Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 79Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 80Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 81Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
78
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
Figure 49 shows the SerDes reference clock connection reference circuits for LVDS type clock driver.
Because LVDS clock driver’s common mode voltage is higher than the MPC8572E SerDes reference
clock input’s allowed range (100 to 400mV), AC-coupled connection scheme must be used. It assumes the
LVDS output driver features 50-
Ω termination resistor. It also assumes that the LVDS transmitter
establishes its own common mode level without relying on the receiver or other external component.
Figure 49. AC-Coupled Differential Connection with LVDS Clock Driver (Reference Only)
Figure 50 shows the SerDes reference clock connection reference circuits for LVPECL type clock driver.
Because LVPECL driver’s DC levels (both common mode voltages and output swing) are incompatible
with MPC8572E SerDes reference clock input’s DC requirement, AC-coupling must be used. Figure 50
assumes that the LVPECL clock driver’s output impedance is 50
Ω. R1 is used to DC-bias the LVPECL
outputs prior to AC-coupling. Its value could be ranged from 140
Ω to 240Ω depending on clock driver
vendor’s requirement. R2 is used together with the SerDes reference clock receiver’s 50-
Ω termination
resistor to attenuate the LVPECL output’s differential peak level such that it meets the MPC8572E SerDes
reference clock’s differential input amplitude requirement (between 200mV and 800mV differential peak).
For example, if the LVPECL output’s differential peak is 900mV and the desired SerDes reference clock
input amplitude is selected as 600mV, the attenuation factor is 0.67, which requires R2 = 25
Ω. Consult
50
Ω
50
Ω
SD
n_REF_CLK
SD
n_REF_CLK
Clock Driver
100
Ω differential PWB trace
SerDes Refer.
CLK Receiver
Clock Driver
CLK_Out
CLK_Out
LVDS CLK Driver Chip
10 nF
10 nF
MPC8572E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com