Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 12Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 13Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 14Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 15Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 16Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
13
Electrical Characteristics
Figure 2 shows the undershoot and overshoot voltages at the interfaces of the MPC8572E.
Figure 2. Overshoot/Undershoot Voltage for TVDD/BVDD/GVDD/LVDD/OVDD
The core voltage must always be provided at nominal 1.1 V. (See Table 2 for actual recommended core
voltage). Voltage to the processor interface I/Os are provided through separate sets of supply pins and must
be provided at the voltages shown in Table 2. The input voltage threshold scales with respect to the
associated I/O supply voltage. TVDD, BVDD, OVDD and LVDD based receivers are simple CMOS I/O
circuits and satisfy appropriate LVCMOS type specifications. The DDR2 and DDR3 SDRAM interface
uses differential receivers referenced by the externally supplied MVREFn signal (nominally set to GVDD/2)
as is appropriate for the SSTL_1.8 electrical signaling standard for DDR2 or 1.5-V electrical signaling for
DDR3. The DDR DQS receivers cannot be operated in single-ended fashion. The complement signal must
be properly driven and cannot be grounded.
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
T/B/G/L/OVDD + 20%
T/B/G/L/OVDD
T/B/G/L/OVDD + 5%
of tCLOCK1
tCLOCK refers to the clock period associated with the respective interface:
VIH
VIL
Note:
For I2C and JTAG, tCLOCK references SYSCLK.
For DDR, tCLOCK references MCLK.
For eTSEC, tCLOCK references EC_GTX_CLK125.
For eLBC, tCLOCK references LCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com