Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 29Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 30Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 31Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 32Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 33Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 34Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 35Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 36Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
33
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
Figure 9 shows the GMII transmit AC timing diagram.
Figure 9. GMII Transmit AC Timing Diagram
8.2.2.2
GMII Receive AC Timing Specifications
Table 27 provides the GMII receive AC timing specifications.
Figure 10 provides the AC test load for eTSEC.
Figure 10. eTSEC AC Test Load
Table 27. GMII Receive AC Timing Specifications
At recommended operating conditions with LVDD/TVDD of 2.5/ 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
RX_CLK clock period
tGRX
—8.0
—
ns
RX_CLK duty cycle
tGRXH/tGRX
40
—
60
ns
RXD[7:0], RX_DV, RX_ER setup time to RX_CLK
tGRDVKH
2.0
—
—
ns
RXD[7:0], RX_DV, RX_ER hold time to RX_CLK
tGRDXKH
0—
—
ns
RX_CLK clock rise (20%-80%)
tGRXR
2
——
1.0
ns
RX_CLK clock fall time (80%-20%)
tGRXF
2
——
1.0
ns
Note:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tGRDVKH symbolizes GMII
receive timing (GR) with respect to the time data input signals (D) reaching the valid state (V) relative to the tRX clock
reference (K) going to the high state (H) or setup time. Also, tGRDXKL symbolizes GMII receive timing (GR) with respect to
the time data input signals (D) went invalid (X) relative to the tGRX clock reference (K) going to the low (L) state or hold time.
Note that, in general, the clock reference symbol representation is based on three letters representing the clock of a particular
functional. For example, the subscript of tGRX represents the GMII (G) receive (RX) clock. For rise and fall times, the latter
convention is used with the appropriate letter: R (rise) or F (fall).
2. Guaranteed by design.
GTX_CLK
TXD[7:0]
tGTKHDX
tGTX
tGTXH
tGTXR
tGTXF
tGTKHDV
TX_EN
TX_ER
Output
LVDD/2
RL = 50 Ω
Z0 = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com