Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 51Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 52Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 53Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 54Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 55Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 56Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 57Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 58Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
55
Local Bus Controller (eLBC)
Table 49 describes the general timing parameters of the local bus interface at BVDD = 2.5 V DC.
Output hold from local bus clock (except LAD/LDP and
LALE)
tLBKHOX1
0.7
—
ns
3
Output hold from local bus clock for LAD/LDP
tLBKHOX2
0.7
—
ns
3
Local bus clock to output high Impedance (except LAD/LDP
and LALE)
tLBKHOZ1
—2.5
ns
5
Local bus clock to output high impedance for LAD/LDP
tLBKHOZ2
—2.5
ns
5
Note:
1. The symbols used for timing specifications herein follow the pattern of t(First two letters of functional block)(signal)(state)
(reference)(state) for inputs and t(First two letters of functional block)(reference)(state)(signal)(state) for outputs. For example,
tLBIXKH1 symbolizes local bus timing (LB) for the input (I) to go invalid (X) with respect to the time the tLBK clock
reference (K) goes high (H), in this case for clock one(1). Also, tLBKHOX symbolizes local bus timing (LB) for the
tLBK clock reference (K) to go high (H), with respect to the output (O) going invalid (X) or output hold time.
2. All timings are in reference to LSYNC_IN for PLL enabled and internal local bus clock for PLL bypass mode.
3. All signals are measured from BVDD/2 of the rising edge of LSYNC_IN for PLL enabled or internal local bus clock
for PLL bypass mode to 0.4
× BVDD of the signal in question for 3.3-V signaling levels.
4. Input timings are measured at the pin.
5. For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current
delivered through the component pin is less than or equal to the leakage current specification.
6. tLBOTOT is a measurement of the minimum time between the negation of LALE and any change in LAD. tLBOTOT is
programmed with the LBCR[AHD] parameter.
7. Maximum possible clock skew between a clock LCLK[m] and a relative clock LCLK[n]. Skew measured between
complementary signals at BVDD/2.
8. Guaranteed by design.
Table 49. Local Bus General Timing Parameters (BVDD = 2.5 V DC)—PLL Enabled
At recommended operating conditions with BVDD of 2.5 V ± 5%
Parameter
Symbol 1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
6.67
12
ns
2
Local bus duty cycle
tLBKH/tLBK
43
57
%
—
LCLK[n] skew to LCLK[m] or LSYNC_OUT
tLBKSKEW
—
150
ps
7, 8
Input setup to local bus clock (except LGTA/LUPWAIT)
tLBIVKH1
1.9
—
ns
3, 4
LGTA/LUPWAIT input setup to local bus clock
tLBIVKH2
1.8
—
ns
3, 4
Input hold from local bus clock (except
LGTA/LUPWAIT)
tLBIXKH1
1.1
—
ns
3, 4
LGTA/LUPWAIT input hold from local bus clock
tLBIXKH2
1.1
—
ns
3, 4
LALE output negation to high impedance for LAD/LDP
(LATCH hold time)
tLBOTOT
1.5
—
ns
6
Local bus clock to output valid (except LAD/LDP and
LALE)
tLBKHOV1
—2.4
ns
—
Table 48. Local Bus General Timing Parameters (BVDD = 3.3 V DC)—PLL Enabled (continued)
At recommended operating conditions with BVDD of 3.3 V ± 5%. (continued)
Parameter
Symbol 1
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com