Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 65Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 66Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 67Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 68Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 69Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 70Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 71Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 72Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
69
GPIO
Figure 40 provides the AC test load for the I2C.
Figure 40. I2C AC Test Load
Figure 41 shows the AC timing diagram for the I2C bus.
Figure 41. I2C Bus AC Timing Diagram
14 GPIO
This section describes the DC and AC electrical specifications for the GPIO interface of the MPC8572E.
14.1
GPIO DC Electrical Characteristics
Table 55 provides the DC electrical characteristics for the GPIO interface operating at BVDD = 3.3 V DC.
Table 55. GPIO DC Electrical Characteristics (3.3 V DC)
Parameter
Symbol
Min
Max
Unit
Supply voltage 3.3V
BVDD
3.13
3.47
V
High-level input voltage
VIH
2BVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
(BVIN
1 = 0 V or BV
IN =BVDD)
IIN
—±5
μA
High-level output voltage
(BVDD =min, IOH =–2 mA)
VOH
BVDD –0.2
—
V
Low-level output voltage
(BVDD =min, IOL =2 mA)
VOL
—0.2
V
Note:
1. Note that the symbol BVIN, in this case, represents the BVIN symbol referenced in Table 1.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
Sr
S
SDA
SCL
tI2SXKL
tI2CL
tI2CH
tI2DXKL
tI2DVKH
tI2SXKL
tI2SVKH
tI2KHKL
tI2PVKH
PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com