Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 12Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 13Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 14Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 15Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 16Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 17Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 18Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
15
Power Characteristics
NOTE
From a system standpoint, if any of the I/O power supplies ramp prior to the
VDD core supply, the I/Os associated with that I/O supply may drive a logic
one or zero during power-on reset, and extra current may be drawn by the
device.
3
Power Characteristics
The estimated typical power dissipation for the core complex bus (CCB) versus the core frequency for this
family of PowerQUICC III devices is shown in Table 4.
4
Input Clocks
4.1
System Clock Timing
Table 5 provides the system clock (SYSCLK) AC timing specifications for the MPC8572E.
Table 4. MPC8572E Power Dissipation 1
1 This reflects the MPC8572E power dissipation excluding the power dissipation from B/G/L/O/T/XV
DD rails.
CCB Frequency
Core Frequency
Typical-652
2 Typical-65 is based on V
DD = 1.1 V, Tj = 65 °C, running Dhrystone.
Typical-1053
3 Typical-105 is based on V
DD = 1.1 V, Tj = 105 °C, running Dhrystone.
Maximum4
4 Maximum is based on V
DD = 1.1 V, Tj = 105 °C, running a smoke test.
Unit
533
1067
12.3
17.8
18.5
W
533
1200
12.3
17.8
18.5
W
533
1333
16.3
22.8
24.5
W
600
1500
17.3
23.9
25.9
W
Notes:
Table 5. SYSCLK AC Timing Specifications
At recommended operating conditions with OVDD of 3.3V ± 5%.
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
SYSCLK frequency
fSYSCLK
33
—
133
MHz
1
SYSCLK cycle time
tSYSCLK
7.5
—
30.3
ns
—
SYSCLK rise and fall time
tKH, tKL
0.61.0
1.2ns
2
SYSCLK duty cycle
tKHK/tSYSCLK
40
—
60
%
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com