Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 15Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 16Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 17Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 18Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 19Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 20Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 21Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 22Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
19
DDR2 and DDR3 SDRAM Controller
6
DDR2 and DDR3 SDRAM Controller
This section describes the DC and AC electrical specifications for the DDR2 and DDR3 SDRAM
controller interface of the MPC8572E. Note that the required GVDD(typ) voltage is 1.8Vor 1.5V when
interfacing to DDR2 or DDR3 SDRAM respectively.
6.1
DDR2 and DDR3 SDRAM Interface DC Electrical Characteristics
Table 10 provides the recommended operating conditions for the DDR SDRAM Controller of the
MPC8572E when interfacing to DDR2 SDRAM.
Table 11 provides the recommended operating conditions for the DDR SDRAM Controller of the
MPC8572E when interfacing to DDR3 SDRAM.
Table 10. DDR2 SDRAM Interface DC Electrical Characteristics for GVDD(typ) = 1.8 V
Parameter/Condition
Symbol
Min
Max
Unit
Notes
I/O supply voltage
GVDD
1.71
1.89
V
1
I/O reference voltage
MVREFn
0.49
× GVDD
0.51
× GVDD
V2
I/O termination voltage
VTT
MVREFn –0.04
MVREFn + 0.04
V
3
Input high voltage
VIH
MVREFn + 0.125
GVDD +0.3
V
—
Input low voltage
VIL
–0.3
MVREFn – 0.125
V
—
Output leakage current
IOZ
–50
50
μA4
Output high current (VOUT = 1.420 V)
IOH
–13.4
—
mA
—
Output low current (VOUT = 0.280 V)
IOL
13.4
—
mA
—
Notes:
1. GVDD is expected to be within 50 mV of the DRAM GVDD at all times.
2. MVREFn is expected to be equal to 0.5 × GVDD, and to track GVDD DC variations as measured at the receiver.
Peak-to-peak noise on MVREFn may not exceed ±2% of the DC value.
3. VTT is not applied directly to the device. It is the supply to that far end signal termination is made and is expected to be
equal to MVREFn. This rail should track variations in the DC level of MVREFn.
4. Output leakage is measured with all outputs disabled, 0 V
≤ VOUT ≤ GVDD.
Table 11. DDR3 SDRAM Interface DC Electrical Characteristics for GVDD(typ) = 1.5 V
Parameter/Condition
Symbol
Min
Typical
Max
Unit
I/O supply voltage
GVDD
1.425
1.575
V
1
I/O reference voltage
MVREFn
0.49
× GVDD
0.51
× GVDD
V2
Input high voltage
VIH
MVREFn + 0.100
GVDD
V—
Input low voltage
VIL
GND
MVREFn – 0.100
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com