Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 13Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 14Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 15Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 16Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 17Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 18Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 19Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 20Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
17
Input Clocks
4.4
DDR Clock Timing
Table 7 provides the DDR clock (DDRCLK) AC timing specifications for the MPC8572E.
4.5
Platform to eTSEC FIFO Restrictions
Note the following eTSEC FIFO mode maximum speed restrictions based on platform (CCB) frequency.
For FIFO GMII modes (both 8-bit and 16-bit) and 16-bit Encoded FIFO mode:
FIFO TX/RX clock frequency <= platform clock (CCB) frequency/4.2
EC_GTX_CLK125 duty cycle
GMII, TBI
1000Base-T for RGMII, RTBI
tG125H/tG125
45
47
—
55
53
%2, 3
Notes:
1. Rise and fall times for EC_GTX_CLK125 are measured from 0.5V and 2.0V for L/TVDD=2.5V, and from 0.6V and 2.7V
for L/TVDD=3.3V.
2. Timing is guaranteed by design and characterization.
3. EC_GTX_CLK125 is used to generate the GTX clock for the eTSEC transmitter with 2% degradation.
EC_GTX_CLK125 duty cycle can be loosened from 47/53% as long as the PHY device can tolerate the duty cycle
generated by the TSEC
n_GTX_CLK. See Section 8.2.6, “RGMII and RTBI AC Timing Specifications,” for duty cycle
for 10Base-T and 100Base-T reference clock.
Table 7. DDRCLK AC Timing Specifications
At recommended operating conditions with OVDD of 3.3V ± 5%.
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
DDRCLK frequency
fDDRCLK
66
—
100
MHz
1
DDRCLK cycle time
tDDRCLK
10.0
—
15.15
ns
—
DDRCLK rise and fall time
tKH, tKL
0.6
1.0
1.2
ns
2
DDRCLK duty cycle
tKHK/tDDRCLK
40
—
60
%
3
DDRCLK jitter
—
—
—
+/– 150
ps
4, 5, 6
Notes:
1. Caution: The DDR complex clock to DDRCLK ratio settings must be chosen such that the resulting DDR complex
clock frequency does not exceed the maximum or minimum operating frequencies. Refer to Section 19.4,
“DDR/DDRCLK PLL Ratio,” for ratio settings.
2. Rise and fall times for DDRCLK are measured at 0.6 V and 2.7 V.
3. Timing is guaranteed by design and characterization.
4. This represents the total input jitter—short term and long term—and is guaranteed by design.
5. The DDRCLK driver’s closed loop jitter bandwidth should be <500 kHz at –20 dB. The bandwidth must be set low to
allow cascade-connected PLL-based devices to track DDRCLK drivers with the specified jitter.
6. For spread spectrum clocking, guidelines are +0% to –1% down spread at a modulation rate between 20 kHz and
60 kHz on DDRCLK.
Table 6. EC_GTX_CLK125 AC Timing Specifications (continued)
At recommended operating conditions with LVDD/TVDD of 3.3V ± 5% or 2.5V ± 5% (continued)
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com