Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 12Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 13Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 14Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 15Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 16Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 17Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
14
Freescale Semiconductor
Electrical Characteristics
2.1.3
Output Driver Characteristics
Table 3 provides information on the characteristics of the output driver strengths. The values are
preliminary estimates.
2.2
Power Sequencing
The MPC8572E requires its power rails to be applied in a specific sequence to ensure proper device
operation. These requirements are as follows for power up:
1. VDD, AVDD_n, BVDD, LVDD, OVDD, SVDD_SRDS1 and SVDD_SRDS2, TVDD, XVDD_SRDS1 and
XVDD_SRDS2
2. GVDD
All supplies must be at their stable values within 50 ms.
Items on the same line have no ordering requirement with respect to one another. Items on separate lines
must be ordered sequentially such that voltage rails on a previous step must reach 90% of their value before
the voltage rails on the current step reach 10% of theirs.
To guarantee MCKE low during power-on reset, the above sequencing for GVDD is required. If there is no
concern about any of the DDR signals being in an indeterminate state during power-on reset, then the
sequencing for GVDD is not required.
Table 3. Output Drive Capability
Driver Type
Programmable
Output Impedance
(
Ω)
Supply
Voltage
Notes
Local bus interface utilities signals
25
35
BVDD = 3.3 V
BVDD = 2.5 V
1
45(default)
45(default)
125
BVDD = 3.3 V
BVDD = 2.5 V
BVDD = 1.8 V
DDR2 signal
18
36 (half strength mode)
GVDD = 1.8 V
2
DDR3 signal
20
40 (half strength mode)
GVDD = 1.5 V
2
eTSEC/10/100 signals
45
L/TVDD = 2.5/3.3 V
—
DUART, system control, JTAG
45
OVDD = 3.3 V
—
I2C
150
OVDD = 3.3 V
—
Notes:
1. The drive strength of the local bus interface is determined by the configuration of the appropriate bits in PORIMPSCR.
2. The drive strength of the DDR2 or DDR3 interface in half-strength mode is at Tj = 105°C and at GVDD (min).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com