Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 35Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 36Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 37Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 38Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 39Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 40Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 41Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 42Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
39
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
Figure 17 shows the TBI receive the timing diagram.
Figure 17. TBI Single-Clock Mode Receive AC Timing Diagram
8.2.6
RGMII and RTBI AC Timing Specifications
Table 33 presents the RGMII and RTBI AC timing specifications.
Table 33. RGMII and RTBI AC Timing Specifications
At recommended operating conditions with LVDD/TVDD of 2.5 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
Data to clock output skew (at transmitter)
tSKRGT
–500
0
500
ps
Data to clock input skew (at receiver) 2
tSKRGT
1.0
—
2.8
ns
Clock period 3
tRGT
7.2
8.0
8.8
ns
Duty cycle for 10BASE-T and 100BASE-TX 3, 4
tRGTH/tRGT
40
50
60
%
Rise time (20%–80%)
tRGTR
—
—
0.75
ns
Fall time (20%–80%)
tRGTF
—
—
0.75
ns
Notes:
1. Note that, in general, the clock reference symbol representation for this section is based on the symbols RGT to represent
RGMII and RTBI timing. For example, the subscript of tRGT represents the TBI (T) receive (RX) clock. Note also that the
notation for rise (R) and fall (F) times follows the clock symbol that is being represented. For symbols representing skews, the
subscript is skew (SK) followed by the clock that is being skewed (RGT).
2. This implies that PC board design requires clocks to be routed such that an additional trace delay of greater than 1.5 ns will
be added to the associated clock signal.
3. For 10 and 100 Mbps, tRGT scales to 400 ns ± 40 ns and 40 ns ± 4 ns, respectively.
4. Duty cycle may be stretched/shrunk during speed changes or while transitioning to a received packet's clock domains as long
as the minimum duty cycle is not violated and stretching occurs for no more than three tRGT of the lowest speed transitioned
between.
tTRR
tTRRH
tTRRF
tTRRR
RX_CLK
RCG[9:0]
valid data
tTRRDX
tTRRDV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com