Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 66Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 67Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 68Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 69Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 70Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 71Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 72Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 73Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
70
Freescale Semiconductor
GPIO
Table 56 provides the DC electrical characteristics for the GPIO interface operating at BVDD = 2.5 V DC.
Table 57 provides the DC electrical characteristics for the GPIO interface operating at BVDD = 1.8 V DC.
Table 56. GPIO DC Electrical Characteristics (2.5 V DC)
Parameter
Symbol
Min
Max
Unit
Supply voltage 2.5V
BVDD
2.37
2.63
V
High-level input voltage
VIH
1.70
BVDD +0.3
V
Low-level input voltage
VIL
–0.3
0.7
V
Input current
(BVIN
1 = 0 V or BV
IN = BVDD)
IIH
—10
μA
IIL
–15
High-level output voltage
(BVDD =min, IOH =–1 mA)
VOH
2.0
BVDD + 0.3
V
Low-level output voltage
(BVDD min, IOL = 1 mA)
VOL
GND – 0.3
0.4
V
Note:
1. The symbol BVIN, in this case, represents the BVIN symbol referenced in Table 1.
Table 57. GPIO DC Electrical Characteristics (1.8 V DC)
Parameter
Symbol
Min
Max
Unit
Supply voltage 1.8V
BVDD
1.71
1.89
V
High-level input voltage
VIH
0.65 x BVDD
BVDD +0.3
V
Low-level input voltage
VIL
–0.3
0.35 x BVDD
V
Input current
(BVIN
1 = 0 V or BV
IN =BVDD)
IIN
TBD
TBD
μA
High-level output voltage
(IOH = –100 μA)
VOH
BVDD – 0.2
—
V
High-level output voltage
(IOH =–2 mA)
VOH
BVDD – 0.45
—
V
Low-level output voltage
(IOL =100 μA)
VOL
—0.2
V
Low-level output voltage
(IOL =2 mA)
VOL
—0.45
V
Note:
1. The symbol BVIN, in this case, represents the BVIN symbol referenced in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com