Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 88Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 89Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 90Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 91Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 92Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 93Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 94Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 95Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
92
Freescale Semiconductor
Serial RapidIO
17.5
Transmitter Specifications
LP-Serial transmitter electrical and timing specifications are stated in the text and tables of this section.
The differential return loss, S11, of the transmitter in each case shall be better than
•
–10 dB for (Baud Frequency)/10 < Freq(f) < 625 MHz, and
•
–10 dB + 10log(f/625 MHz) dB for 625 MHz
≤ Freq(f) ≤ Baud Frequency
The reference impedance for the differential return loss measurements is 100 Ohm resistive. Differential
return loss includes contributions from on-chip circuitry, chip packaging and any off-chip components
related to the driver. The output impedance requirement applies to all valid output levels.
It is recommended that the 20%-80% rise/fall time of the transmitter, as measured at the transmitter output,
in each case have a minimum value 60 ps.
It is recommended that the timing skew at the output of an LP-Serial transmitter between the two signals
that comprise a differential pair not exceed 25 ps at 1.25 GB, 20 ps at 2.50 GB and 15 ps at 3.125 GB.
Table 64. Short Run Transmitter AC Timing Specifications—1.25 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output Voltage,
VO
–0.40
2.30
Volts
Voltage relative to COMMON of
either signal comprising a
differential pair
Differential Output Voltage
VDIFFPP
500
1000
mV p-p
—
Deterministic Jitter
JD
—
0.17
UI p-p
—
Total Jitter
JT
—
0.35
UI p-p
—
Multiple output skew
SMO
—
1000
ps
Skew at the transmitter output
between lanes of a multilane
link
Unit Interval
UI
800
800
ps
+/- 100 ppm
Table 65. Short Run Transmitter AC Timing Specifications—2.5 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Output Voltage,
VO
–0.40
2.30
Volts
Voltage relative to COMMON of
either signal comprising a
differential pair
Differential Output Voltage
VDIFFPP
500
1000
mV p-p
—
Deterministic Jitter
JD
—
0.17
UI p-p
—
Total Jitter
JT
—
0.35
UI p-p
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com