Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 68Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 69Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 70Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 71Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 72Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 73Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 74Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 75Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
72
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
2. Differential Output Voltage, VOD (or Differential Output Swing):
The Differential Output Voltage (or Swing) of the transmitter, VOD, is defined as the difference of
the two complimentary output voltages: VSDn_TX – VSDn_TX. The VOD value can be either positive
or negative.
3. Differential Input Voltage, VID (or Differential Input Swing):
The Differential Input Voltage (or Swing) of the receiver, VID, is defined as the difference of the
two complimentary input voltages: VSDn_RX - VSDn_RX. The VID value can be either positive or
negative.
4. Differential Peak Voltage, VDIFFp
The peak value of the differential transmitter output signal or the differential receiver input signal
is defined as Differential Peak Voltage, VDIFFp = |A – B| Volts.
5. Differential Peak-to-Peak, VDIFFp-p
Because the differential output signal of the transmitter and the differential input signal of the
receiver each range from A – B to –(A – B) Volts, the peak-to-peak value of the differential
transmitter output signal or the differential receiver input signal is defined as Differential
Peak-to-Peak Voltage, VDIFFp-p = 2*VDIFFp = 2 * |(A – B)| Volts, which is twice of differential
swing in amplitude, or twice of the differential peak. For example, the output differential peak-peak
voltage can also be calculated as VTX-DIFFp-p = 2*|VOD|.
6. Differential Waveform
1. The differential waveform is constructed by subtracting the inverting signal (SDn_TX, for
example) from the non-inverting signal (SDn_TX, for example) within a differential pair. There is
only one signal trace curve in a differential waveform. The voltage represented in the differential
waveform is not referenced to ground. Refer to Figure 52 as an example for differential waveform.
2. Common Mode Voltage, Vcm
The Common Mode Voltage is equal to one half of the sum of the voltages between each conductor
of a balanced interchange circuit and ground. In this example, for SerDes output, Vcm_out =
(VSDn_TX + VSDn_TX)/2 = (A + B) / 2, which is the arithmetic mean of the two complimentary
output voltages within a differential pair. In a system, the common mode voltage may often differ
from one component’s output to the other’s input. Sometimes, it may be even different between the
receiver input and driver output circuits within the same component. It is also referred as the DC
offset in some occasion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com