Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 86Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 87Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 88Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 89Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 90Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 91Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 92Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 93Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
90
Freescale Semiconductor
Serial RapidIO
16.5.1
Compliance Test and Measurement Load
The AC timing and voltage parameters must be verified at the measurement point, as specified within 0.2
inches of the package pins, into a test/measurement load shown in Figure 57.
NOTE
The allowance of the measurement point to be within 0.2 inches of the
package pins is meant to acknowledge that package/board routing may
benefit from D+ and D– not being exactly matched in length at the package
pin boundary.
Figure 57. Compliance Test/Measurement Load
17 Serial RapidIO
This section describes the DC and AC electrical specifications for the RapidIO interface of the MPC8572E
for the LP-Serial physical layer. The electrical specifications cover both single and multiple-lane links.
Two transmitters (short run and long run) and a single receiver are specified for each of three baud rates,
1.25, 2.50, and 3.125 GBaud.
Two transmitter specifications allow for solutions ranging from simple board-to-board interconnect to
driving two connectors across a backplane. A single receiver specification is given that accepts signals
from both the short run and long run transmitter specifications.
The short run transmitter should be used mainly for chip-to-chip connections on either the same printed
circuit board or across a single connector. This covers the case where connections are made to a mezzanine
(daughter) card. The minimum swings of the short run specification reduce the overall power used by the
transceivers.
The long run transmitter specifications use larger voltage swings that are capable of driving signals across
backplanes. This allows a user to drive signals across two connectors and a backplane. The specifications
allow a distance of at least 50 cm at all baud rates.
All unit intervals are specified with a tolerance of +/– 100 ppm. The worst case frequency difference
between any transmit and receive clock is 200 ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com