Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 16Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 17Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 18Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 19Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 20Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 21Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 22Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 23Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
20
Freescale Semiconductor
DDR2 and DDR3 SDRAM Controller
Table 12 provides the DDR SDRAM Controller interface capacitance for DDR2 and DDR3.
Table 13 provides the current draw characteristics for MVREFn.
6.2
DDR2 and DDR3 SDRAM Interface AC Electrical Characteristics
This section provides the AC electrical characteristics for the DDR SDRAM Controller interface. The
DDR controller supports both DDR2 and DDR3 memories. Note that although the minimum data rate for
most off-the-shelf DDR3 DIMMs available is 800 MHz, JEDEC specification does allow the DDR3 to run
at the data rate as low as 606 MHz. Unless otherwise specified, the AC timing specifications described in
this section for DDR3 is applicable for data rate between 606 MHz and 800 MHz, as long as the DC and
Output leakage current
IOZ
–50
50
μA3
Notes:
1. GVDD is expected to be within 50 mV of the DRAM GVDD at all times.
2. MVREFn is expected to be equal to 0.5 × GVDD, and to track GVDD DC variations as measured at the receiver.
Peak-to-peak noise on MVREFn may not exceed ±1% of the DC value.
3. Output leakage is measured with all outputs disabled, 0 V
≤ V
OUT ≤ GVDD.
Table 12. DDR2 and DDR3 SDRAM Interface Capacitance for GVDD(typ)=1.8 V and 1.5 V
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Input/output capacitance: DQ, DQS, DQS
CIO
6
8
pF
1, 2
Delta input/output capacitance: DQ, DQS, DQS
CDIO
—
0.5
pF
1, 2
Note:
1. This parameter is sampled. GVDD = 1.8 V ± 0.090 V (for DDR2), f = 1 MHz, TA = 25°C, VOUT = GVDD/2, VOUT
(peak-to-peak) = 0.2 V.
2. This parameter is sampled. GVDD = 1.5 V ± 0.075 V (for DDR3), f = 1 MHz, TA = 25°C, VOUT = GVDD/2, VOUT
(peak-to-peak) = 0.175 V.
Table 13. Current Draw Characteristics for MVREF n
Parameter / Condition
Symbol
Min
Max
Unit
Note
Current draw for MVREFn
DDR2 SDRAM
IMVREFn
—
1500
μA1
DDR3 SDRAM
1250
1. The voltage regulator for MVREFn must be able to supply up to 1500 μA or 1250 uA current for DDR2 or DDR3 respectively.
Table 11. DDR3 SDRAM Interface DC Electrical Characteristics for GVDD(typ) = 1.5 V (continued)
Parameter/Condition
Symbol
Min
Typical
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com