Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 91Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 92Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 93Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 94Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 95Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 96Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 97Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 98Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
95
Serial RapidIO
Figure 58. Transmitter Output Compliance Mask
17.6
Receiver Specifications
LP-Serial receiver electrical and timing specifications are stated in the text and tables of this section.
Receiver input impedance shall result in a differential return loss better that 10 dB and a common mode
return loss better than 6 dB from 100 MHz to (0.8)
× (Baud Frequency). This includes contributions from
on-chip circuitry, the chip package and any off-chip components related to the receiver. AC coupling
components are included in this requirement. The reference impedance for return loss measurements is
100 Ohm resistive for differential return loss and 25-
Ω resistive for common mode.
Table 70. Transmitter Differential Output Eye Diagram Parameters
Transmitter Type
VDIFFmin (mV) VDIFFmax (mV)
A (UI)
B (UI)
1.25 GBaud short range
250
500
0.175
0.39
1.25 GBaud long range
400
800
0.175
0.39
2.5 GBaud short range
250
500
0.175
0.39
2.5 GBaud long range
400
800
0.175
0.39
3.125 GBaud short range
250
500
0.175
0.39
3.125 GBaud long range
400
800
0.175
0.39
0
VDIFF min
VDIFF max
-VDIFF min
-VDIFF max
0B
1-B
1
Time in UI
A1-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com