Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 62Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 63Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 64Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 65Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 66Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 67Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 68Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 69Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
66
Freescale Semiconductor
JTAG
Figure 36 provides the AC test load for TDO and the boundary-scan outputs.
Figure 36. AC Test Load for the JTAG Interface
Figure 37 provides the JTAG clock input timing diagram.
Figure 37. JTAG Clock Input Timing Diagram
Figure 38 provides the TRST timing diagram.
Figure 38. TRST Timing Diagram
JTAG external clock to output high impedance:
Boundary-scan data
TDO
tJTKLDZ
tJTKLOZ
3
3
19
9
ns
5, 6
Notes:
1. All outputs are measured from the midpoint voltage of the falling/rising edge of tTCLK to the midpoint of the signal in question.
The output timings are measured at the pins. All output timings assume a purely resistive 50-
Ω load (see Figure 36).
Time-of-flight delays must be added for trace lengths, vias, and connectors in the system.
2. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tJTDVKH symbolizes JTAG
device timing (JT) with respect to the time data input signals (D) reaching the valid state (V) relative to the tJTG clock reference
(K) going to the high (H) state or setup time. Also, tJTDXKH symbolizes JTAG timing (JT) with respect to the time data input
signals (D) went invalid (X) relative to the tJTG clock reference (K) going to the high (H) state. Note that, in general, the clock
reference symbol representation is based on three letters representing the clock of a particular functional. For rise and fall
times, the latter convention is used with the appropriate letter: R (rise) or F (fall).
3. TRST is an asynchronous level sensitive signal. The setup time is for test purposes only.
4. Non-JTAG signal input timing with respect to tTCLK.
5. Non-JTAG signal output timing with respect to tTCLK.
6. Guaranteed by design.
Table 52. JTAG AC Timing Specifications (Independent of SYSCLK) 1 (continued)
At recommended operating conditions with OVDD of 3.3 V ± 5%.
Parameter
Symbol 2
Min
Max
Unit
Notes
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
JTAG
tJTKHKL
tJTGR
External Clock
VM
VM
VM
tJTG
tJTGF
VM = Midpoint Voltage (OVDD/2)
TRST
VM = Midpoint Voltage (OVDD/2)
VM
VM
tTRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com