Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 39Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 40Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 41Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 42Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 43Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 44Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 45Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 46Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
43
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
When operating in SGMII mode, the eTSEC EC_GTX_CLK125 clock is not required for this port. Instead,
SerDes reference clock is required on SD2_REF_CLK and SD2_REF_CLK pins.
8.3.1
DC Requirements for SGMII SD2_REF_CLK and SD2_REF_CLK
The characteristics and DC requirements of the separate SerDes reference clock are described in
Section 15, “High-Speed Serial Interfaces (HSSI).”
8.3.2
AC Requirements for SGMII SD2_REF_CLK and SD2_REF_CLK
Table 36 lists the SGMII SerDes reference clock AC requirements. Note that SD2_REF_CLK and
SD2_REF_CLK are not intended to be used with, and should not be clocked by, a spread spectrum clock
source.
Table 36. SD2_REF_CLK and SD2_REF_CLK AC Requirements
Symbol
Parameter Description
Min
Typical
Max
Units
Notes
tREF
REFCLK cycle time
—
10 (8)
—
ns
1
tREFCJ
REFCLK cycle-to-cycle jitter. Difference in the period of any two
adjacent REFCLK cycles
——
100
ps
—
tREFPJ
Phase jitter. Deviation in edge location with respect to mean edge
location
–50
—
50
ps
—
Note:
1. 8 ns applies only when 125 MHz SerDes2 reference clock frequency is selected through cfg_srds_sgmii_refclk during POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com