Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 34Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 35Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 36Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 37Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 38Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 39Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 40Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 41Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
38
Freescale Semiconductor
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
Figure 16 shows the TBI receive AC timing diagram.
Figure 16. TBI Receive AC Timing Diagram
8.2.5
TBI Single-Clock Mode AC Specifications
When the eTSEC is configured for TBI modes, all clocks are supplied from external sources to the relevant
eTSEC interface. In single-clock TBI mode, when a 125-MHz TBI receive clock is supplied on TSECn
pin (no receive clock is used in this mode, whereas for the dual-clock mode this is the PMA1 receive
clock). The 125-MHz transmit clock is applied in all TBI modes.
A summary of the single-clock TBI mode AC specifications for receive appears in Table 32.
Table 32. TBI single-clock Mode Receive AC Timing Specification
At recommended operating conditions with LVDD/TVDD of 2.5/ 3.3 V ± 5%.
Parameter/Condition
Symbol
Min
Typ
Max
Unit
RX_CLK clock period
tTRRX
7.5
8.0
8.5
ns
RX_CLK duty cycle
tTRRH/tTRRX
40
50
60
%
RX_CLK peak-to-peak jitter
tTRRJ
—
—
250
ps
Rise time RX_CLK (20%–80%)
tTRRR
——
1.0
ns
Fall time RX_CLK (80%–20%)
tTRRF
——
1.0
ns
RCG[9:0] setup time to RX_CLK rising edge
tTRRDVKH
2.0
—
—
ns
RCG[9:0] hold time to RX_CLK rising edge
tTRRDXKH
1.0
—
—
ns
TBI Receive Clock 1
RCG[9:0]
tTRX
tTRXH
tTRXR
tTRXF
tTRDVKH
TBI Receive Clock 0
tTRDXKH
tTRDVKH
tTRDXKH
tSKTRX
tTRXH
Valid Data
Valid Data
(TSEC
n_TX_CLK)
(TSEC
n_RX_CLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com