Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 40Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 41Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 42Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 43Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 44Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 45Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 46Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 47Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
44
Freescale Semiconductor
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
8.3.3
SGMII Transmitter and Receiver DC Electrical Characteristics
Table 37 and Table 38 describe the SGMII SerDes transmitter and receiver AC-Coupled DC electrical
characteristics. Transmitter DC characteristics are measured at the transmitter outputs (SD2_TX[n] and
SD2_TX[n]) as depicted in Figure 23.
Table 37. SGMII DC Transmitter Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply Voltage
XVDD_SRDS2
1.045
1.1
1.155
V
—
Output high voltage
VOH
—
—
XVDD_SRDS2-Typ/2
+ |VOD|-max/2
mV
1
Output low voltage
VOL
XVDD_SRDS2-Typ/2
- |VOD|-max/2
——
mV
1
Output ringing
VRING
——
10
%
—
Output differential voltage2, 3, 5
|VOD|
359
550
791
mV
Equalization
setting: 1.0x
329
505
725
Equalization
setting: 1.09x
299
458
659
Equalization
setting: 1.2x
270
414
594
Equalization
setting: 1.33x
239
367
527
Equalization
setting: 1.5x
210
322
462
Equalization
setting: 1.71x
180
275
395
Equalization
setting: 2.0x
Output offset voltage
VOS
473
550
628
mV
1, 4
Output impedance (single-ended)
RO
40
—
60
Ω
—
Mismatch in a pair
RO
——
10
%
—
Change in VOD between “0” and “1”
|VOD|—
—
25
mV
—
Δ
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com