Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 37Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 38Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 39Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 40Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 41Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 42Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 43Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 44Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
41
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
Figure 19 shows the RMII transmit AC timing diagram.
Figure 19. RMII Transmit AC Timing Diagram
8.2.7.2
RMII Receive AC Timing Specifications
Table 35 shows the RMII receive AC timing specifications.
TSECn_TX_CLK to RMII data TXD[1:0], TX_EN delay
tRMTDX
1.0
—
10.0
ns
Note:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMTKHDX symbolizes MII
transmit timing (MT) for the time tMTX clock reference (K) going high (H) until data outputs (D) are invalid (X). Note that, in
general, the clock reference symbol representation is based on two to three letters representing the clock of a particular
functional. For example, the subscript of tMTX represents the MII(M) transmit (TX) clock. For rise and fall times, the latter
convention is used with the appropriate letter: R (rise) or F (fall).
Table 35. RMII Receive AC Timing Specifications
At recommended operating conditions with LVDD/TVDD of 2.5/ 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
TSECn_TX_CLK clock period
tRMR
15.0
20.0
25.0
ns
TSECn_TX_CLK duty cycle
tRMRH
35
50
65
%
TSECn_TX_CLK peak-to-peak jitter
tRMRJ
——
250
ps
Rise time TSECn_TX_CLK (20%–80%)
tRMRR
1.0
—
2.0
ns
Fall time TSECn_TX_CLK (80%–20%)
tRMRF
1.0
—
2.0
ns
RXD[1:0], CRS_DV, RX_ER setup time to
TSECn_TX_CLK rising edge
tRMRDV
4.0
—
—
ns
Table 34. RMII Transmit AC Timing Specifications (continued)
At recommended operating conditions with LVDD/TVDD of 2.5/ 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
TSEC
n_TX_CLK
TXD[1:0]
tRMTDX
tRMT
tRMTH
tRMTR
tRMTF
TX_EN
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com