Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 92Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 93Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 94Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 95Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 96Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 97Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 98Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 99Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
96
Freescale Semiconductor
Serial RapidIO
Table 71. Receiver AC Timing Specifications—1.25 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Differential Input Voltage
VIN
200
1600
mV p-p
Measured at receiver
Deterministic Jitter Tolerance
JD
0.37
—
UI p-p
Measured at receiver
Combined Deterministic and Random
Jitter Tolerance
JDR
0.55
—
UI p-p
Measured at receiver
Total Jitter Tolerance1
JT
0.65
—
UI p-p
Measured at receiver
Multiple Input Skew
SMI
—
24
ns
Skew at the receiver input
between lanes of a multilane
link
Bit Error Rate
BER
—
10–12
——
Unit Interval
UI
800
800
ps
+/– 100 ppm
Note:
1. Total jitter is composed of three components, deterministic jitter, random jitter and single frequency sinusoidal jitter. The
sinusoidal jitter may have any amplitude and frequency in the unshaded region of Figure 59. The sinusoidal jitter component
is included to ensure margin for low frequency jitter, wander, noise, crosstalk and other variable system effects.
Table 72. Receiver AC Timing Specifications—2.5 GBaud
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Differential Input Voltage
VIN
200
1600
mV p-p
Measured at receiver
Deterministic Jitter Tolerance
JD
0.37
—
UI p-p
Measured at receiver
Combined Deterministic and Random
Jitter Tolerance
JDR
0.55
—
UI p-p
Measured at receiver
Total Jitter Tolerance1
JT
0.65
—
UI p-p
Measured at receiver
Multiple Input Skew
SMI
—
24
ns
Skew at the receiver input
between lanes of a multilane
link
Bit Error Rate
BER
—
10–12
——
Unit Interval
UI
400
400
ps
+/– 100 ppm
Note:
1. Total jitter is composed of three components, deterministic jitter, random jitter and single frequency sinusoidal jitter. The
sinusoidal jitter may have any amplitude and frequency in the unshaded region of Figure 59. The sinusoidal jitter component
is included to ensure margin for low frequency jitter, wander, noise, crosstalk and other variable system effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com