Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 71Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 72Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 73Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 74Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 75Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 76Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 77Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 78Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
75
High-Speed Serial Interfaces (HSSI)
of the differential pair must have a single-ended swing less than 800mV and greater than
200mV. This requirement is the same for both external DC-coupled or AC-coupled connection.
— For external DC-coupled connection, as described in Section 15.2.1, “SerDes Reference
Clock Receiver Characteristics,” the maximum average current requirements sets the
requirement for average voltage (common mode voltage) to be between 100 mV and 400 mV.
Figure 45 shows the SerDes reference clock input requirement for DC-coupled connection
scheme.
— For external AC-coupled connection, there is no common mode voltage requirement for the
clock driver. Because the external AC-coupling capacitor blocks the DC level, the clock driver
and the SerDes reference clock receiver operate in different command mode voltages. The
SerDes reference clock receiver in this connection scheme has its common mode voltage set to
SGND_SRDSn. Each signal wire of the differential inputs is allowed to swing below and above
the command mode voltage (SGND_SRDSn). Figure 46 shows the SerDes reference clock
input requirement for AC-coupled connection scheme.
•
Single-ended Mode
— The reference clock can also be single-ended. The SDn_REF_CLK input amplitude
(single-ended swing) must be between 400 mV and 800 mV peak-peak (from Vmin to Vmax)
with SDn_REF_CLK either left unconnected or tied to ground.
—The SDn_REF_CLK input average voltage must be between 200 and 400 mV. Figure 47 shows
the SerDes reference clock input requirement for single-ended signaling mode.
— To meet the input amplitude requirement, the reference clock inputs might need to be DC or
AC-coupled externally. For the best noise performance, the reference of the clock could be DC
or AC-coupled into the unused phase (SDn_REF_CLK) through the same source impedance as
the clock input (SDn_REF_CLK) in use.
Figure 45. Differential Reference Clock Input DC Requirements (External DC-Coupled)
SD
n_REF_CLK
SD
n_REF_CLK
Vmax
< 800 mV
Vmin
> 0V
100 mV
< Vcm < 400 mV
200mV < Input Amplitude or Differential Peak < 800 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com