Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 25Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 26Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 27Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 28Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 29Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 30Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 31Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 32Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
29
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
The Fast Ethernet Controller (FEC) operates in MII mode only, and complies with the AC and DC
electrical characteristics specified in this chapter for MII. Note that if FEC is used, eTSEC 3 and 4 are only
available in SGMII mode.
8.1.1
eTSEC DC Electrical Characteristics
All MII, GMII, RMII, and TBI drivers and receivers comply with the DC parametric attributes specified
in Table 22 and Table 23. All RGMII, RTBI and FIFO drivers and receivers comply with the DC
parametric attributes specified in Table 23. The RGMII and RTBI signals are based on a 2.5-V CMOS
interface voltage as defined by JEDEC EIA/JESD8-5.
Table 22. GMII, MII, RMII, and TBI DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
Supply voltage 3.3 V
LVDD
TVDD
3.13
3.47
V
1, 2
1 LV
DD supports eTSECs 1 and 2.
2 TV
DD supports eTSECs 3 and 4 or FEC.
Output high voltage
(LVDD/TVDD = Min, IOH = –4.0 mA)
VOH
2.40
LVDD/TVDD + 0.3
V
—
Output low voltage
(LVDD/TVDD = Min, IOL = 4.0 mA)
VOL
GND
0.50
V
—
Input high voltage
VIH
2.0
LVDD/TVDD + 0.3
V
—
Input low voltage
VIL
–0.3
0.90
V
—
Input high current
(VIN = LVDD, VIN = TVDD)
IIH
—40
μA
1, 2,3
3 The symbol V
IN, in this case, represents the LVIN and TVIN symbols referenced in Table 1.
Input low current
(VIN = GND)
IIL
–600
—
μA
3
Notes:
Table 23. MII, GMII, RMII, RGMII, TBI, RTBI, and FIFO DC Electrical Characteristics
Parameters
Symbol
Min
Max
Unit
Notes
Supply voltage 2.5 V
LVDD/TVDD
2.37
2.63
V
1,2
Output high voltage
(LVDD/TVDD = Min, IOH = –1.0 mA)
VOH
2.00
LVDD/TVDD + 0.3
V
—
Output low voltage
(LVDD/TVDD = Min, IOL = 1.0 mA)
VOL
GND – 0.3
0.40
V
—
Input high voltage
VIH
1.70
LVDD/TVDD + 0.3
V
—
Input low voltage
VIL
–0.3
0.70
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com