Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 43Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 44Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 45Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 46Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 47Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 48Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 49Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 50Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
47
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
8.3.4
SGMII AC Timing Specifications
This section describes the SGMII transmit and receive AC timing specifications. Transmitter and receiver
characteristics are measured at the transmitter outputs (SD2_TX[n] and SD2_TX[n]) or at the receiver
inputs (SD2_RX[n] and SD2_RX[n]) as depicted in Figure 25, respectively.
8.3.4.1
SGMII Transmit AC Timing Specifications
Table 39 provides the SGMII transmit AC timing targets. A source synchronous clock is not provided.
8.3.4.2
SGMII Receive AC Timing Specifications
Table 40 provides the SGMII receive AC timing specifications. Source synchronous clocking is not
supported. Clock is recovered from the data. Figure 24 shows the SGMII receiver input compliance mask
eye diagram.
Table 39. SGMII Transmit AC Timing Specifications
At recommended operating conditions with XVDD_SRDS2 = 1.1V ± 5%.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Deterministic Jitter
JD
—
—
0.17
UI p-p
—
Total Jitter
JT
—
—
0.35
UI p-p
—
Unit Interval
UI
799.92
800
800.08
ps
1
VOD fall time (80%-20%)
tfall
50
—
120
ps
—
VOD rise time (20%-80%)
trise
50
—
120
ps
—
Notes:
1. Each UI is 800 ps ± 100 ppm.
Table 40. SGMII Receive AC Timing Specifications
At recommended operating conditions with XVDD_SRDS2 = 1.1V ± 5%.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Deterministic Jitter Tolerance
JD
0.37
—
—
UI p-p
1
Combined Deterministic and Random Jitter Tolerance
JDR
0.55
—
—
UI p-p
1
Sinusoidal Jitter Tolerance
JSIN
0.1
—
—
UI p-p
1
Total Jitter Tolerance
JT
0.65
—
—
UI p-p
1
Bit Error Ratio
BER
—
—
10-12
——
Unit Interval
UI
799.92
800
800.08
ps
2
AC Coupling Capacitor
CTX
5
—
200
nF
3
Notes:
1. Measured at receiver.
2. Each UI is 800 ps ± 100 ppm.
3. The external AC coupling capacitor is required. It is recommended to be placed near the device transmitter outputs.
4. Refer to RapidIO™ 1x/4x LP Serial Physical Layer Specification for interpretation of jitter specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com