Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 28Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 29Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 30Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 31Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 32Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 33Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 34Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 35Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
32
Freescale Semiconductor
Ethernet: Enhanced Three-Speed Ethernet (eTSEC)
Figure 8. FIFO Receive AC Timing Diagram
8.2.2
GMII AC Timing Specifications
This section describes the GMII transmit and receive AC timing specifications.
8.2.2.1
GMII Transmit AC Timing Specifications
Table 26 provides the GMII transmit AC timing specifications.
Table 26. GMII Transmit AC Timing Specifications
At recommended operating conditions with LVDD/TVDD of 2.5/ 3.3 V ± 5%.
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
GMII data TXD[7:0], TX_ER, TX_EN setup time
tGTKHDV
2.5
——ns
GTX_CLK to GMII data TXD[7:0], TX_ER, TX_EN delay
tGTKHDX
0.5
—
5.0
ns
GTX_CLK data clock rise time (20%-80%)
tGTXR
2
——
1.0
ns
GTX_CLK data clock fall time (80%-20%)
tGTXF
2
——
1.0
ns
Notes:
1. The symbols used for timing specifications herein follow the pattern t(first two letters of functional block)(signal)(state) (reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tGTKHDV symbolizes GMII
transmit timing (GT) with respect to the tGTX clock reference (K) going to the high state (H) relative to the time date input
signals (D) reaching the valid state (V) to state or setup time. Also, tGTKHDX symbolizes GMII transmit timing (GT) with respect
to the tGTX clock reference (K) going to the high state (H) relative to the time date input signals (D) going invalid (X) or hold
time. Note that, in general, the clock reference symbol representation is based on three letters representing the clock of a
particular functional. For example, the subscript of tGTX represents the GMII(G) transmit (TX) clock. For rise and fall times,
the latter convention is used with the appropriate letter: R (rise) or F (fall).
2. Guaranteed by design.
tFIR
tFIRH
tFIRF
tFIRR
RX_CLK
RXD[7:0]
RX_DV
RX_ER
valid data
tFIRDX
tFIRDV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com