Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 82Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 83Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 84Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 85Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 86Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 87Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 88Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 89Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
86
Freescale Semiconductor
PCI Express
Figure 55. Minimum Transmitter Timing and Voltage Output Compliance Specifications
16.4.3
Differential Receiver (RX) Input Specifications
Table 62 defines the specifications for the differential input at all receivers (RXs). The parameters are
specified at the component pins.
Table 62. Differential Receiver (RX) Input Specifications
Symbol
Parameter
Min
Nominal
Max
Units
Comments
UI
Unit Interval
399.88
400
400.12
ps
Each UI is 400 ps ± 300 ppm. UI does not
account for Spread Spectrum Clock
dictated variations. See Note 1.
VRX-DIFFp-p
Differential Input
Peak-to-Peak
Voltage
0.175
—
1.200
V
VRX-DIFFp-p = 2*|VRX-D+ - VRX-D-|
See Note 2.
TRX-EYE
Minimum
Receiver Eye
Width
0.4
—
—
UI
The maximum interconnect media and
Transmitter jitter that can be tolerated by the
Receiver can be derived as TRX-MAX-JITTER
= 1 - TRX-EYE= 0.6 UI.
See Notes 2 and 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com