Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 78Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 79Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 80Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 81Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 82Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 83Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 84Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 85Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
82
Freescale Semiconductor
PCI Express
•
Section 16, “PCI Express”
•
Section 17, “Serial RapidIO”
Note that external AC Coupling capacitor is required for the above three serial transmission protocols with
the capacitor value defined in specification of each protocol section.
16 PCI Express
This section describes the DC and AC electrical specifications for the PCI Express bus of the MPC8572E.
16.1
DC Requirements for PCI Express SD1_REF_CLK and
SD1_REF_CLK
For more information, see Section 15.2, “SerDes Reference Clocks.”
16.2
AC Requirements for PCI Express SerDes Reference Clocks
Table 60 lists AC requirements.
16.3
Clocking Dependencies
The ports on the two ends of a link must transmit data at a rate that is within 600 parts per million (ppm)
of each other at all times. This is specified to allow bit rate clock sources with a +/– 300 ppm tolerance.
16.4
Physical Layer Specifications
The following is a summary of the specifications for the physical layer of PCI Express on this device. For
further details as well as the specifications of the transport and data link layer, Use the PCI Express Base
Specification. REV. 1.0a document.
16.4.1
Differential Transmitter (TX) Output
Table 61 defines the specifications for the differential output at all transmitters (TXs). The parameters are
specified at the component pins.
Table 60. SD1_REF_CLK and SD1_REF_CLK AC Requirements
Symbol
Parameter Description
Min
Typical
Max
Units
Notes
tREF
REFCLK cycle time
—
10
—
ns
1
tREFCJ
REFCLK cycle-to-cycle jitter. Difference in the period of any two adjacent
REFCLK cycles
—
—
100
ps
—
tREFPJ
Phase jitter. Deviation in edge location with respect to mean edge location
–50
—
50
ps
—
Notes:
1. Typical cycle time is based on PCI Express Card Electromechanical Specification Revision 1.0a.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com