Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 119Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 120Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 121Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 122Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 123Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 124Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 125Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 126Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
123
Thermal
20.1
Temperature Diode
The MPC8572E has a temperature diode on the microprocessor that can be used in conjunction with other
system temperature monitoring devices (such as Analog Devices, ADT7461™). These devices use the
negative temperature coefficient of a diode operated at a constant current to determine the temperature of
the microprocessor and its environment. It is recommended that each MPC8572E device be calibrated.
The following are the specifications of the on-board temperature diode:
Vf > 0.40 V
Vf < 0.90 V
Operating range 2–300
μA
Diode leakage < 10 nA @ 125
°C
An approximate value of the ideality may be obtained by calibrating the device near the expected
operating temperature.
Ideality factor is defined as the deviation from the ideal diode equation:
Another useful equation is:
Where:
Ifw = Forward current
Is = Saturation current
Vd = Voltage at diode
Junction to case
—
RΘJC
0.5
°C/W
5
Notes:
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance
2. Per JEDEC JESD51-2 with the single-layer board (JESD51-3) horizontal.
3. Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
5. Thermal resistance between the active surface of the die and the case top surface determined by the cold plate method
(MIL SPEC-883, Method 1012.1).
Table 83. Package Thermal Characteristics (continued)
Rating
Board
Symbol
Value
Unit
Notes
Ifw = Is e
– 1
qVf
___
nKT
VH – VL = n
ln
KT
__
q
IH
__
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com