Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 4 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 4 Page - Texas Instruments

  AFE4110 Datasheet HTML 1Page - Texas Instruments AFE4110 Datasheet HTML 2Page - Texas Instruments AFE4110 Datasheet HTML 3Page - Texas Instruments AFE4110 Datasheet HTML 4Page - Texas Instruments AFE4110 Datasheet HTML 5Page - Texas Instruments AFE4110 Datasheet HTML 6Page - Texas Instruments AFE4110 Datasheet HTML 7Page - Texas Instruments AFE4110 Datasheet HTML 8Page - Texas Instruments AFE4110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
AFE4110
SLLSE48
– JANUARY 2012
www.ti.com
Active Mode Supply Current (Into VCC)
(1) (2)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VDD
TA
MIN
TYP
MAX
UNIT
fMCLK = fSMCLK = 1 MHz, fACLK = 20 kHz,
1.3 V
72
Program executes in RAM,
30
°C
µA
1.55 V
86
CPUOFF = 0, SCG0 = 0, SCG1 = 0, OSCOFF = 0
IAM,1MHz
fMCLK = fSMCLK = 1 MHz, fACLK = 20 kHz,
1.3 V
74
Program executes in RAM,
70
°C
µA
1.55 V
88
CPUOFF = 0, SCG0 = 0, SCG1 = 0, OSCOFF = 0
fMCLK = fSMCLK = 125 kHz, fACLK = 20 kHz
1.3 V
33
Program executes in RAM
30
°C
µA
1.55 V
37
CPUOFF = 0, SCG0 = 0, SCG1 = 0, OSCOFF = 0
IAM,125kHz
fMCLK = fSMCLK = 125 kHz, fACLK = 20 kHz,
1.3 V
35
Program executes in RAM,
70
°C
µA
1.55 V
40
CPUOFF = 0, SCG0 = 0, SCG1 = 0, OSCOFF = 0
fMCLK = fSMCLK : 1 to 5 MHz, fACLK = 20 kHz
IAM/MHz
Program executes in RAM, CPUOFF = 0, SCG0 = 0,
1.3 V
30
°C
45
µA/ MHz
SCG1 = 0, OSCOFF = 0
(1)
All inputs are tied to 0 V or to VDD. Outputs do not source or sink any current.
(2)
Characterized with program executing typical data processing
"Type2".
Low-Power Mode Supply Current (Into VCC)
(1) (2)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VDD
TA
MIN
TYP
MAX
UNIT
1.3 V
8.3
11
30
°C
1.55 V
9.5
12
fMCLK = fSMCLK = 1 MHz, fACLK = 20 kHz
ILPM0
µA
CPUOFF = 1, SCG0 = 0, SCG1 = 0, OSCOFF = 0
1.3 V
11
14
70
°C
1.55 V
12
17
1.3 V
8.3
11
30
°C
1.55 V
9.5
12
fMCLK = fSMCLK = 1 MHz, fACLK = 20 kHz
ILPM1
µA
CPUOFF = 1, SCG0 = 1, SCG1 = 0, OSCOFF = 0
1.3 V
11
14
70
°C
1.55 V
12
17
1.3 V
28
32
30
°C
1.55 V
29
33
fMCLK = fSMCLK = 1MHz, fACLK = 1MHz
ILPM2,1MHz
µA
CPUOFF = 1, SCG0 = 0, SCG1 = 1, OSCOFF = 0
1.3 V
30
35
70
°C
1.55 V
32
38
1.3 V
8.3
12
30
°C
1.55 V
9.5
13
fMCLK = fSMCLK = fACLK = 20 kHz
ILPM2,20kHz
µA
CPUOFF = 1, SCG0 = 0, SCG1 = 1, OSCOFF = 0
1.3 V
11
15
70
°C
1.55 V
12
17
1.3 V
8.3
11
30
°C
1.55 V
9.5
12
fMCLK = fSMCLK = fACLK = 20 kHz
ILPM3
µA
CPUOFF = 1, SCG0 = 1, SCG1 = 1, OSCOFF = 0
1.3 V
11
14
70
°C
1.55 V
12
17
1.3 V
6
7.9
30
°C
1.55 V
7.8
10
fMCLK = fSMCLK = fACLK = 20 kHz
ILPM4
µA
CPUOFF = 1, SCG0 = 1, SCG1 = 1, OSCOFF = 1
1.3 V
8.6
12
70
°C
1.55 V
11
16
(1)
Current for WDT clocked by ACLK included.
(2)
Current for Brownout included.
4
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com