Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 39 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 35Page - Texas Instruments AFE4110 Datasheet HTML 36Page - Texas Instruments AFE4110 Datasheet HTML 37Page - Texas Instruments AFE4110 Datasheet HTML 38Page - Texas Instruments AFE4110 Datasheet HTML 39Page - Texas Instruments AFE4110 Datasheet HTML 40Page - Texas Instruments AFE4110 Datasheet HTML 41Page - Texas Instruments AFE4110 Datasheet HTML 42Page - Texas Instruments AFE4110 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
NSELx
+
-
CxIFGlogic
CxOUT
Reference
256mV
REFON
CMPON
MDBandbufferregister
CONVON
APVDIVRegister
Vcc
4
8
0000
ADC-DAC-SAR-REG
Up-DnCounter
Run/
Stop
00
2
set
clr
TA0EN
TA0.0
CBSTP
0
1
OSWP
0
1
Aout
OSEL
CLKSEL
A0
A1
A3
A2
VREF
SMCLK
SLOPE
ODEN
D/A-8
DBON
TBSTP
TA0.1
TA1EN
TA1.0
De-
Glitching
DFSETx
SBSTP
VREFEN
SLOPE
EOCIFGlogic
sEOC
0001
0010
0011
0100
0101
0110
0111
1000
PSELx
4
0000
0001
0010
0011
0100
0101
0110
0111
Pre-Scaler
by 1/2/4/8/16/32
CLKDIVx
SAREN
xCLK
xCLK
from AZ-logic
StartStopLogic
Clock
Logic
MCLK
VLOCLK
01
10
11
1001
J
SVMIFGlogic
R
R
6R
Vcc
AFE4110
www.ti.com
SLLSE48
– JANUARY 2012
A-Pool
The analog functions pool (A-Pool) provides a series of function that can be configured to a Digital to Analog
converter (DAC), multi channel Analog to Digital converter (ADC), Supply voltage supervisor SVS and
Comparator, input voltage dividers and an internal reference source allow wide range of combined analog
functions. For a complete description of A-Pool, see the Analog Pool chapter of the MSP430x09x Family Users
Guide (SLAU321)
Figure 9. Block Diagram of A-Pool
Table 10. A-Pool Analog inputs Connection Table
A-POOL ANALOG INPUT
PAD
PSEL
NSEL
A3PSEL
A0_port_sel
A3a
P1.2
0011
0011
0
X
A3b
P1.3
0011
0011
1
X
A2
P1.0
0010
0010
X
X
A1
P1.1
0001
0001
X
X
A0a
P1.4
0000
0000
X
0
A0b
P3.3
0000
0000
X
1
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com