Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 11 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 7Page - Texas Instruments AFE4110 Datasheet HTML 8Page - Texas Instruments AFE4110 Datasheet HTML 9Page - Texas Instruments AFE4110 Datasheet HTML 10Page - Texas Instruments AFE4110 Datasheet HTML 11Page - Texas Instruments AFE4110 Datasheet HTML 12Page - Texas Instruments AFE4110 Datasheet HTML 13Page - Texas Instruments AFE4110 Datasheet HTML 14Page - Texas Instruments AFE4110 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
AFE4110
www.ti.com
SLLSE48
– JANUARY 2012
PIN FUNCTIONS
PIN
I/O(1)
DESCRIPTION
NAME
NO.
P3.0/XTI/EXCLK/TA1.CCI1A1
1
I/O
General-purpose digital I/O
32 kHz Crystal Input
External Clock Input
Timer1_A3 CCR1A1 capture: CCI1A1 input, compare
P3.1/XTO/TSCLK/TA1.CCI1A2/
2
I/O
General-purpose digital I/O
ACTSEN/CMP
32 kHz Crystal Out
Test Clock Input
Timer1_A3 CCR1A2 capture: CCI1A2 input, compare
Activation Sense Output
Comparator Out
VSS/GND
3
Power
Analog and Digital Power Supply Ground Reference
P3.4/TA0.1/TA1.1/TA1.0/TA1.CCI2A2
4
I/O
General-purpose digital I/O
Timer0_A3 Out1 output
Timer1_A3 Out1 output
Timer1_A3 Out0 output
Timer1_A3 CCR2A2 capture: CCI2A2 input, compare
P3.5/TA0.1/TA1.1/TA1.0/TA1.CCI2A3
5
I/O
General-purpose digital I/O
Timer0_A3 Out1 output
Timer1_A3 Out1 output
Timer1_A3 Out0 output
Timer1_A3 CCR2A3 capture: CCI2A3 input, compare
RST/NMI/SVMOUT
6
I/O
Reset input active low
Non-maskable interrupt input
SVM Output
P3.6/
7
I/O
10mA General-purpose digital I/O
TA0.0/TA0.1/TA0.2/TA0.0N/TA0.1N/TA0.2N/
Timer0_A3 Out0 output
TA1.CCI1A3/
Timer0_A3 Out1 output
TA1.1/BOR/ACTSEN/LFOSC/CP18OK
Timer0_A3 Out2 output
Timer0_A3 Out0# output
Timer0_A3 Out1# output
Timer0_A3 Out2# output
Timer1_A3 CCR1A3 capture: CCI1A3 input, compare
Timer1_A3 Out1 output
BOR Out
Activation Sense Output
LFOSC Out
CP 1.8V OK Out
P3.7/
8
I/O
10mA General-purpose digital I/O
TA0.0/TA0.1/TA0.2/TA0.0N/TA0.1N/TA0.2N/
Timer0_A3 Out0 output
TA1.CCI2A1/HFOSC/LCDCPCLK/
Timer0_A3 Out1 output
LCDFCLK/ 1KCLK/LCDCMP
Timer0_A3 Out2 output
Timer0_A3 Out0# output
Timer0_A3 Out1# output
Timer0_A3 Out2# output
Timer1_A3 CCR2A1 capture: CCI2A1 input, compare
LCD Charge Pump Clock Out
LCD Frame Clock Out
1 kHz Activation Clock Out
LCD Voltage Comparator Out
VDDIO
9
Power
Port2.x, Port4.x, Port3.6 and Port3.7 Positive Power supply 1.1V-3.3V
TCK/P2.0/TA1.2/TA1.1/CxOUT
10
I/O
JTAG Test clock
General-purpose digital I/O
Timer1_A3 Out2 output
Timer1_A3 Out1 output
CxOUT digital out from A-Pool
(1)
I = input, O = output, N/A = not available on this package offering.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com